Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLMP-C215-R0000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HLMP-C215-R0000
Description  T - 13/4 Super Ultra-Bright LED Lamps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-C215-R0000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HLMP-C215-R0000 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-C215-R0000 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-C215-R0000 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-C215-R0000 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-C215-R0000 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-C215-R0000 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-C215-R0000 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-C215-R0000 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HLMP-C215-R0000 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Description
These non-diffused lamps are
designed to produce a bright light
source and smooth radiation
pattern. A slight tint is added to the
lens for easy color identification.
This lamp has been designed with a
HLMP-C115, HLMP-C117, HLMP-C123, HLMP-C215, HLMP-C223,
HLMP-C315, HLMP-C323, HLMP-C415, HLMP-C423, HLMP-C515,
HLMP-C523, HLMP-C615, HLMP-C623
Features
• Very high intensity
• Exceptional uniformity
• Microtint lens for color
identification
• Consistent viewability
All colors:
AlGaAs Red
High Efficiency Red
Yellow
Orange
Green
Emerald Green
•15
° and 25° family
• Tape and reel options available
• Binned for color and intensity
Applications
• Ideal for backlighting front panels*
• Used for lighting switches
• Adapted for indoor and outdoor
signs
Agilent
T-13/4 Super Ultra-Bright LED Lamps
Data Sheet
20 mil lead frame, enhanced
flange, and tight meniscus
controls, making it compatible
with radial lead automated
insertion equipment.


Similar Part No. - HLMP-C215-R0000

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HLMP-C215 HP-HLMP-C215 Datasheet
52Kb / 6P
T-13/4 Super Ultra-Bright LED Lamps
HLMP-C215 HP-HLMP-C215 Datasheet
85Kb / 12P
T-13/4 Super Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-C215 AVAGO-HLMP-C215 Datasheet
271Kb / 10P
Very high intensity
logo
Broadcom Corporation.
HLMP-C215 BOARDCOM-HLMP-C215 Datasheet
257Kb / 10P
T-1쩐 Super Ultra-Bright LED Lamps
More results

Similar Description - HLMP-C215-R0000

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1500A-UR MARKTECH-MT1500A-UR Datasheet
31Kb / 1P
T-1 3/4 ULTRA BRIGHT LED LAMPS
MT330A-Y MARKTECH-MT330A-Y Datasheet
39Kb / 1P
T-1 3/4 ULTRA BRIGHT LED LAMPS
logo
Agilent(Hewlett-Packard...
HLMP-3707 HP-HLMP-3707 Datasheet
225Kb / 10P
T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
HLMP-C116 HP-HLMP-C116 Datasheet
52Kb / 6P
T-13/4 Super Ultra-Bright LED Lamps
HLMP-8115 HP-HLMP-8115 Datasheet
121Kb / 8P
T-13/4 Super Ultra-Bright LED Lamps
HLMP-C115 HP-HLMP-C115_05 Datasheet
85Kb / 12P
T-13/4 Super Ultra-Bright LED Lamps
HLMP-3707 HP-HLMP-3707_05 Datasheet
255Kb / 11P
T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-3750-L00B2 AVAGO-HLMP-3750-L00B2 Datasheet
684Kb / 12P
T-13/4 (5 mm), T-1 (3 mm), Ultra-Bright LED Lamps
logo
Lite-On Technology Corp...
LTL-2H3VSKNT LITEON-LTL-2H3VSKNT Datasheet
245Kb / 8P
T-13/4 (5mm) Ultra Bright
logo
Broadcom Corporation.
HLMP-C115 BOARDCOM-HLMP-C115 Datasheet
257Kb / 10P
T-1쩐 Super Ultra-Bright LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com