Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS21SW Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # BAS21SW
Description  High-voltage switching diode
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAS21SW Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  BAS21SW Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAS21SW Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAS21SW Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAS21SW Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAS21SW Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAS21SW Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAS21SW Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAS21SW Datasheet HTML 8Page - Nexperia B.V. All rights reserved BAS21SW Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Nexperia
BAS21SW
High-voltage switching diode
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
250
V
IF
forward current
[1]
-
225
mA
tp = 1 µs; square wave; Tj(init) = 25 °C
-
9
A
tp = 100 µs; square wave; Tj(init) = 25 °C
-
3
A
IFSM
non-repetitive peak
forward current
tp = 10 ms; square wave; Tj(init) = 25 °C
-
1.7
A
IFRM
repetitive peak forward
current
-
625
mA
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
200
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-55
150
°C
Tstg
storage temperature
-65
150
°C
[1] Single diode loaded.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard footprint.
9. Thermal characteristics
Table 6. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1]
-
-
625
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
300
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
10. Characteristics
Table 7. Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IF = 100 mA; Tamb = 25 °C
-
-
1
V
VF
forward voltage
IF = 200 mA; Tamb = 25 °C
-
-
1.25
V
VR = 200 V; Tamb = 25 °C
-
-
100
nA
IR
reverse current
VR = 200 V; Tj = 150 °C
-
-
100
µA
Cd
diode capacitance
VR = 0 V; f = 1 MHz; Tamb = 25 °C
-
-
2
pF
trr
reverse recovery time
IF = 10 mA; IR = 10 mA; RL = 100 Ω;
IR(meas) = 1 mA; Tamb = 25 °C
-
-
50
ns
BAS21SW
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
5 January 2023
3 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com