Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC157ABQ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC157ABQ
Description  Quad 2-input multiplexer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC157ABQ Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC157ABQ Datasheet HTML 1Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 2Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 3Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 4Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 5Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 6Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 7Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 8Page - NXP Semiconductors 74LVC157ABQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2003 Dec 02
2
Philips Semiconductors
Product specification
Quad 2-input multiplexer
74LVC157A
FEATURES
• 5 V tolerant inputs for interfacing with 5 V logic
• Wide supply voltage range from 1.2 to 3.6 V
• CMOS low power consumption
• Direct interface with TTL levels
• Inputs accept voltages up to 5.5 V
• Complies with JEDEC standard no. 8-1A
• ESD protection:
HBM EIA/JESD22-A114-A exceeds 2000 V
MM EIA/JESD22-A115-A exceeds 200 V.
• Specified from −40 to +85 °C and −40 to +125 °C.
DESCRIPTION
The 74LVC157A is a high-performance, low-power,
low-voltage, Si-gate CMOS device and superior to most
advanced CMOS compatible TTL families.
Inputs can be driven from either 3.3 or 5 V devices. This
feature allows the use of these devices as translators in a
mixed 3.3 and 5 V environment.
The 74LVC157A is a quad 2-input multiplexer which select
four bits of data from two sources under the control of a
common select input (S). The four outputs present the
selected data in the true (non-inverted) form. The enable
input (E) is active LOW. When pin E is HIGH, all of the
outputs (1Y to 4Y) are forced LOW regardless of all the
other input conditions. Moving the data from two groups of
registers to four common output buses is a common use of
the 74LVC157A. The state of the common data select
input (S) determines the particular register from which the
data comes. It can also be used as function generator.
The device is useful for implementing highly irregular logic
by generating any 4 of the 16 different functions of two
variables with one variable common.
The 74LVC157A is the logic implementation of a 4-pole,
2-position switch, where the position of the switch is
determined by the logic levels applied to pin S.
QUICK REFERENCE DATA
GND = 0 V; Tamb =25 °C; tr =tf ≤ 2.5 ns.
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts;
N = total load switching outputs;
Σ(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
propagation delay
nI0, nI1 to nY
CL = 50 pF; VCC = 3.3 V
2.6
ns
EtonY
CL = 50 pF; VCC = 3.3 V
2.8
ns
StonY
CL = 50 pF; VCC = 3.3 V
2.6
ns
CI
input capacitance
5.0
pF
CPD
power dissipation capacitance per gate
VCC = 3.3 V; notes 1 and 2
15
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com