Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT854SW-Q Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BAT854SW-Q
Description  40 V, 200 mA Schottky barrier dual diode
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BAT854SW-Q Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BAT854SW-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BAT854SW-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BAT854SW-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BAT854SW-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BAT854SW-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BAT854SW-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BAT854SW-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BAT854SW-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Nexperia
BAT854SW-Q
40 V, 200 mA Schottky barrier dual diode
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
A1
anode (diode 1)
2
K2
cathode (diode 2)
3
K1, A2
cathode (diode 1), anode
(diode 2)
1
2
3
SC-70 (SOT323)
006aaa437
A1
K2
K1; A2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BAT854SW-Q
SC-70
plastic, surface-mounted package; 3 leads; 1.3 mm pitch;
2 mm x 1.25 mm x 0.95 mm body
SOT323
7. Marking
Table 4. Marking codes
Type number
Marking code[1]
BAT854SW-Q
84%
[1] % = placeholder for manufacturing site code
8. Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VR
reverse voltage
-
40
V
IF
forward current
-
200
mA
IFRM
repetitive peak forward
current
tp ≤ 1 s; δ ≤ 0.5
-
300
mA
IFSM
non-repetitive peak
forward current
tp = 8.3 ms; half sinewave; JEDEC method;
Tj(init) = 25 °C
-
1
A
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
-65
150
°C
Tstg
storage temperature
-65
150
°C
BAT854SW-Q
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
4 January 2023
2 / 8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com