Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC53PAS-Q Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # BC53PAS-Q
Description  80 V, 1 A PNP medium power transistors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

BC53PAS-Q Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  BC53PAS-Q Datasheet HTML 1Page - Nexperia B.V. All rights reserved BC53PAS-Q Datasheet HTML 2Page - Nexperia B.V. All rights reserved BC53PAS-Q Datasheet HTML 3Page - Nexperia B.V. All rights reserved BC53PAS-Q Datasheet HTML 4Page - Nexperia B.V. All rights reserved BC53PAS-Q Datasheet HTML 5Page - Nexperia B.V. All rights reserved BC53PAS-Q Datasheet HTML 6Page - Nexperia B.V. All rights reserved BC53PAS-Q Datasheet HTML 7Page - Nexperia B.V. All rights reserved BC53PAS-Q Datasheet HTML 8Page - Nexperia B.V. All rights reserved BC53PAS-Q Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Nexperia
BC53xPAS-Q series
80 V, 1 A PNP medium power transistors
5. Pinning information
Table 2. Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1
B
base
2
E
emitter
3
C
collector
Transparent top view
1
2
3
DFN2020D-3 (SOT1061D)
sym013
C
E
B
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
BC53PAS-Q
BC53-10PAS-Q
BC53-16PAS-Q
DFN2020D-3
plastic, leadless thermal enhanced ultra thin small outline
package with side-wettable flanks (SWF); no leads; 3
terminals; 1.3 mm pitch; 2 mm x 2 mm x 0.65 mm body
SOT1061D
7. Marking
Table 4. Marking codes
Type number
Marking code
BC53PAS-Q
CA
BC53-10PAS-Q
CB
BC53-16PAS-Q
CC
BC53XPAS-Q_SER
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
17 October 2022
2 / 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com