Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNAP-FUSE2AB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SNAP-FUSE2AB
Description  FUSES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SNAP-FUSE2AB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SNAP-FUSE2AB Datasheet HTML 1Page - List of Unclassifed Manufacturers SNAP-FUSE2AB Datasheet HTML 2Page - List of Unclassifed Manufacturers SNAP-FUSE2AB Datasheet HTML 3Page - List of Unclassifed Manufacturers SNAP-FUSE2AB Datasheet HTML 4Page - List of Unclassifed Manufacturers SNAP-FUSE2AB Datasheet HTML 5Page - List of Unclassifed Manufacturers SNAP-FUSE2AB Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
OPTO 22 • 800-321-6786 • 1-951-695-3000 • www.opto22.com • sales@opto22.com
© 2002–2019 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 1
DATA SHEET
Form 0489-191230
FUSES
Features
Reliable replacements for fuses used in Opto 22 products
Convenient multi-packs
DESCRIPTION
For your convenience, you can purchase replacement fuses for groov
EPIC, G1, G4, and SNAP racks, modules, power supplies, and other
Opto 22 products.
Fuses can also be purchased from other manufacturers, such as
Littelfuse or Wickmann.
Part numbers for fuses, clips, and holders are listed in the table at
right.
NOTE: Fuses are sold in convenient packs of 5, 10, or 25. If you have ordered
a part number such as FUSE.125 in the past, you should now order
FUSE.125B. The fuse is the same; the “B” at the end of the part number
indicates a pack of 10.
The tables on the following pages list Opto 22 products in
alphabetical order and show the fuse to use with each one. If your
part number is not listed, contact Opto 22 Inside Sales
(951-695-3000).
For modules—see page 2.
For racks—see page 3.
For other Opto 22 products—see page 5.
>
>
Part Numbers
Part
Description
FUSE.125B
Pack of 10 1/8-amp fuses for standard
analog I/O channel loop source
FUSE01B
Pack of 10 1-amp fuses for standard digi-
tal logic power
FUSE02B
Pack of 10 2-amp fuses for standard
analog logic power and some 32-channel
digital logic power
FUSE05B
Pack of 10 5-amp fuses for standard digi-
tal output modules
FUSEG4B
Pack of 10 4-amp fuses for G4 digital
modules
FUSE01G4B
Pack of 10 1-amp fuses for G4 digital rack
logic power and brick regulator
G4 FUSE CLIP
Pack of 10 fuse clips for G4 products
GRV-EPIC-PSAC-FUSE-B
Pack of 5 2-amp 250 V slow fuses for the
GRV-EPIC-PSAC power supply
GRV-EPIC-PSDC-FUSE-B
Pack of 5 4-amp 250 V slow fuses for the
GRV-EPIC-PSDC power converter
GRV-EPIC-PSPT-FUSE-B
Pack of 5 10-amp 125 V fast fuses for the
GRV-EPIC-PSPT power adapter
SNAP-FUSE1AB
Pack of 25 1-amp fuses for SNAP racks
and power supplies
SNAP-FUSE1AC
Pack of 25 1-amp fuses for breakout
racks
SNAP-FUSE2AB
Pack of 25 2-amp fast-acting fuses for
SNAP-PS5-24DC power supplies
SNAP-FUSE4AB
Pack of 25 4-amp fuses for SNAP racks
and modules
SNAP-FUSE7.5AB
Pack of 25 7.5-amp fuses for SNAP
M-series and SNAP PAC racks
SNAP-FUSE10AB
Pack of 25 10-amp fuses for SNAP-IT
TMS modem
SNAP-MODFUSEHLDRB
Pack of 10 fuse holders for the 4-amp
fuses used with SNAP products
Replacement Fuses


Similar Part No. - SNAP-FUSE2AB

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
SNAP-FUSE4AB E-OEC-SNAP-FUSE4AB Datasheet
119Kb / 4P
SNAP Digital Input Modules
logo
List of Unclassifed Man...
SNAP-FUSE7.5AB ETC2-SNAP-FUSE7.5AB Datasheet
463Kb / 7P
Factory Mutual-approved versions available
More results

Similar Description - SNAP-FUSE2AB

ManufacturerPart #DatasheetDescription
logo
Semikron International
FUSES000 SEMIKRON-FUSES000 Datasheet
252Kb / 6P
FUSES
logo
Dubilier
DBCFC1QB100 DUBILIER-DBCFC1QB100 Datasheet
101Kb / 1P
FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFC1TD100 DUBILIER-DBCFC1TD100 Datasheet
101Kb / 1P
FUSES 5x20mm CERAMIC FUSES - QUICK BLOW
DBCFG1QB50 DUBILIER-DBCFG1QB50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
DBCFG1TD50 DUBILIER-DBCFG1TD50 Datasheet
104Kb / 1P
FUSES 5x20mm GLASS FUSES - QUICK BLOW
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
Surface Mount Fuses Surface Mount Fuses
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
Surface Mount Fuses Surface Mount Fuses
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
Surface Mount Fuses Surface Mount Fuses
logo
Cooper Bussmann, Inc.
GMW-1-10 COOPER-GMW-1-10 Datasheet
29Kb / 1P
Specialty Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com