Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ014 Datasheet(PDF) 16 Page - Pico Technology Ltd.

Part # PQ014
Description  Ultra-compact PC oscilloscopes
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICO [Pico Technology Ltd.]
Direct Link  https://www.picotech.com/
Logo PICO - Pico Technology Ltd.

PQ014 Datasheet(HTML) 16 Page - Pico Technology Ltd.

Back Button PQ014 Datasheet HTML 12Page - Pico Technology Ltd. PQ014 Datasheet HTML 13Page - Pico Technology Ltd. PQ014 Datasheet HTML 14Page - Pico Technology Ltd. PQ014 Datasheet HTML 15Page - Pico Technology Ltd. PQ014 Datasheet HTML 16Page - Pico Technology Ltd. PQ014 Datasheet HTML 17Page - Pico Technology Ltd. PQ014 Datasheet HTML 18Page - Pico Technology Ltd. PQ014 Datasheet HTML 19Page - Pico Technology Ltd. PQ014 Datasheet HTML 20Page - Pico Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
PicoScope 2000 Series oscilloscopes
PicoScope 2000 Series specifications – 2-channel oscilloscopes
PicoScope 2204A
PicoScope 2205A
PicoScope 2206B
PicoScope 2207B
PicoScope 2208B
Vertical
Bandwidth (–3 dB)
10 MHz
25 MHz
50 MHz
70 MHz
100 MHz
Rise time (calculated)
35 ns
14 ns
7 ns
5 ns
3.5 ns
Software lowpass filter
Not applicable
Configurable software lowpass filter
Vertical resolution
8 bits
8 bits
Enhanced vertical resolution
Up to 12 bits
Up to 12 bits
Input ranges
±50 mV, ±100 mV, ±200 mV, ±500 mV,
±1 V, ±2 V, ±5 V, ±10 V, ±20 V
±20 mV, ±50 mV, ±100 mV, ±200 mV, ±500 mV,
±1 V, ±2 V, ±5 V, ±10 V, ±20 V
Input sensitivity
10 mV/div to 4 V/div (10 vertical divisions)
4 mV/div to 4 V/div (10 vertical divisions)
Input coupling
AC / DC
AC / DC
Input connector
Single-ended, BNC(f)
Single-ended, BNC(f)
Input characteristics
1 MΩ ± 1%
∥ 15 pF ± 2 pF
1 MΩ ± 1%
∥ 16 pF ± 1 pF
Analog offset range
(vertical position adjustment)
None
±250 mV (20 mV to 200 mV ranges)
±2.5 V (500 mV to 2 V ranges)
±25 V (5 V to 20 V ranges)
Analog offset control accuracy
Not applicable
±1% of offset setting, additional to basic DC accuracy
DC accuracy
±3% of full scale ±200 μV
±3% of full scale ±200 μV
Overvoltage protection
±100 V (DC + AC peak) up to 10 kHz
±100 V (DC + AC peak) up to 10 kHz
Horizontal (timebase)
Maximum sampling rate
1 ch.
(real-time)
2 ch.
100 MS/s
50 MS/s
200 MS/s (Ch. A)
100 MS/s
500 MS/s
250 MS/s
1 GS/s
500 MS/s
Equivalent-time sampling rate (ETS)
2 GS/s
4 GS/s
5 GS/s
10 GS/s
Maximum sampling rate
(USB streaming)
1 MS/s
9.6 MS/s (31 MS/s with PicoSDK)
Shortest timebase
10 ns/div
5 ns/div
2 ns/div
1 ns/div
Longest timebase
5000 s/div
5000 s/div
Capture memory (block mode,
shared between active channels)
8 kS
16 kS
32 MS
64 MS
128 MS
Capture memory
(USB streaming mode, PicoScope 6)
100 MS (shared between active channels)
100 MS (shared between active channels)
Capture memory
(USB streaming mode, PicoSDK)
Up to available PC memory
Up to available PC memory
Waveform buffers (PicoScope 6)
10 000
10 000
Maximum waveforms per second
2000
80 000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com