Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC16240ADL Datasheet(PDF) 2 Page - NXP Semiconductors

Part # VC16240ADL
Description  16-bit buffer/line driver; inverting 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16240ADL Datasheet(HTML) 2 Page - NXP Semiconductors

  VC16240ADL Datasheet HTML 1Page - NXP Semiconductors VC16240ADL Datasheet HTML 2Page - NXP Semiconductors VC16240ADL Datasheet HTML 3Page - NXP Semiconductors VC16240ADL Datasheet HTML 4Page - NXP Semiconductors VC16240ADL Datasheet HTML 5Page - NXP Semiconductors VC16240ADL Datasheet HTML 6Page - NXP Semiconductors VC16240ADL Datasheet HTML 7Page - NXP Semiconductors VC16240ADL Datasheet HTML 8Page - NXP Semiconductors VC16240ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16240A
16-bit buffer/line driver; inverting (3-State)
2
1997 Jul 29
853-2007 18218
FEATURES
• 5 volt tolerant inputs/outputs for interfacing with 5V logic
• Wide supply voltage range of 1.2V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• MULTIBYTETM flow-through standard pin-out architecture
• Low inductance multiple power and ground pins for minimum
noise and ground bounce
• Direct interface with TTL levels
DESCRIPTION
The 74LVC16240A is a high-performance, low-power, low-voltage,
Si-gate CMOS device, superior to most advanced CMOS
compatible TTL families. Inputs can be driven from either 3.3V or 5V
devices. In 3-State operation, outputs can handle 5V. These
features allow the use of these devices in a mixed 3.3V/5V
environment.
The 74LVC16240A is a 16-bit inverting buffer/line driver with
3-State outputs. The 3-State outputs are controlled by the output
enable inputs 1OE and 2OE. A HIGH on nOE causes the outputs to
assume a high impedance OFF-state.
The 74LVC16240A is identical to the 74LVC16244A but has
inverting outputs.
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
1OE
1Y0
1Y1
GND
1Y2
1Y3
VCC
2Y1
GND
2Y2
2Y3
3Y0
3Y1
GND
2Y0
3Y2
3Y3
VCC
4Y0
4Y1
4A1
4A0
VCC
3A3
3A2
GND
3A1
3A0
2A3
2A2
GND
2A1
2A0
VCC
1A3
1A2
GND
1A1
1A0
2OE
21
22
23
24
25
26
27
28
GND
4Y2
4Y3
4OE
3OE
4A3
4A2
GND
SW00041
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 _C; tr = tf v 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
1An to 1Yn;
2An to 2Yn
CL = 50pF
VCC = 3.3V
2.7
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per
buffer
VCC = 3.3V
25
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL x VCC2 x fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
48-Pin Plastic SSOP Type III
–40
°C to +85°C
74LVC16240A DL
VC16240A DL
SOT370-1
48-Pin Plastic TSSOP Type II
–40
°C to +85°C
74LVC16240A DGG
VC16240A DGG
SOT362-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com