Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC163 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC163
Description  Presettable synchronous 4-bit binary counter; synchronous reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC163 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC163 Datasheet HTML 4Page - NXP Semiconductors 74LVC163 Datasheet HTML 5Page - NXP Semiconductors 74LVC163 Datasheet HTML 6Page - NXP Semiconductors 74LVC163 Datasheet HTML 7Page - NXP Semiconductors 74LVC163 Datasheet HTML 8Page - NXP Semiconductors 74LVC163 Datasheet HTML 9Page - NXP Semiconductors 74LVC163 Datasheet HTML 10Page - NXP Semiconductors 74LVC163 Datasheet HTML 11Page - NXP Semiconductors 74LVC163 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74LVC163
Presettable synchronous 4-bit binary counter;
synchronous reset
1998 May 20
8
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
VM
VM
1/fMAX
tw
tPLH
tPHL
CP INPUT
Qn, TC OUTPUT
SY00071
GND
VI
VOH
VOL
Waveform 1.
Clock (CP) to outputs (Qn, TC) propagation
delays, the clock pulse width and the maximum clock
frequency.
VM
tPLH
tPHL
CET INPUT
TC OUTPUT
VM
VI
GND
VOH
VOL
SY00072
Waveform 2.
Input (CET) to output (TC) propagation delays.
VM
VM
tsu
tsu
th
th
MR
INPUT
CP INPUT
SC0013
9
VI
GND
VI
GND
Waveform 3.
Master reset (MR) pulse width, the master reset
to output (Qn, TC) propagation delays and the master reset to
clock (CP) removal times.
The shaded areas indicate when the input is permitted
to change for predictable output performance.
th
th
VM
VM
VM
VI
VI
VI
GND
GND
GND
PE INPUT
CP INPUT
Dn INPUT
tSU
tSU
th
tSU
th
tSU
SC00137
Waveform 4.
Setup and hold times for the input (Dn) and
parallel enable input (PE).
NOTE: The shaded areas indicate when the input is permitted
to change for predictable output performance.
VM
VM
VM
tsu
th
tsu
th
SC00138
VI
VI
GND
GND
CEP, CET
INPUT
CP INPUT
Waveform 5.
CEP and CET setup and hold times.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
500
Ω
Open
GND
S1
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
2.7V
2.7–3.6V
50pF
500
Ω
2 * VCC
SV00903
Waveform 6.
Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com