Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC16374ADL Datasheet(PDF) 4 Page - NXP Semiconductors

Part # VC16374ADL
Description  16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16374ADL Datasheet(HTML) 4 Page - NXP Semiconductors

  VC16374ADL Datasheet HTML 1Page - NXP Semiconductors VC16374ADL Datasheet HTML 2Page - NXP Semiconductors VC16374ADL Datasheet HTML 3Page - NXP Semiconductors VC16374ADL Datasheet HTML 4Page - NXP Semiconductors VC16374ADL Datasheet HTML 5Page - NXP Semiconductors VC16374ADL Datasheet HTML 6Page - NXP Semiconductors VC16374ADL Datasheet HTML 7Page - NXP Semiconductors VC16374ADL Datasheet HTML 8Page - NXP Semiconductors VC16374ADL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16374A/
74LVCH16374A
16-bit edge triggered D-type flip-flop with 5 Volt
tolerant inputs/outputs (3-State)
1998 Mar 17
4
LOGIC SYMBOL (IEEE/IEC)
SW00077
48
1EN
1
∇
46
44
43
41
40
38
37
36
C1
C2
2EN
2
∇
2D
1
25
24
47
35
33
32
30
29
27
26
3
2
5
6
8
9
11
12
13
14
16
17
19
20
22
23
1OE
1CLK
2OE
2CLK
1D0
1D1
1D2
1D3
1D4
1D5
1D6
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
2Q0
2Q1
2Q2
2Q3
2Q4
2Q7
1D7
2Q5
2Q6
1D
BUS HOLD CIRCUIT
To internal circuit
VCC
Data Input
SW00044
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
VCC
DC supply voltage (for max. speed performance)
2.7
3.6
V
VCC
DC supply voltage (for low-voltage applications)
1.2
3.6
V
VI
DC input voltage range
0
5.5
V
VO
DC input voltage range; output HIGH or LOW state
0
VCC
V
VO
DC output voltage range; output 3-State
0
5.5
V
Tamb
Operating free-air temperature range
–40
+85
°C
tr, tf
Input rise and fall times
VCC = 1.2 to 2.7V
VCC = 2.7 to 3.6V
0
0
20
10
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com