Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC16374ADGG Datasheet(PDF) 3 Page - NXP Semiconductors

Part # VC16374ADGG
Description  16-bit edge triggered D-type flip-flop with 5 Volt tolerant inputs/outputs 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

VC16374ADGG Datasheet(HTML) 3 Page - NXP Semiconductors

  VC16374ADGG Datasheet HTML 1Page - NXP Semiconductors VC16374ADGG Datasheet HTML 2Page - NXP Semiconductors VC16374ADGG Datasheet HTML 3Page - NXP Semiconductors VC16374ADGG Datasheet HTML 4Page - NXP Semiconductors VC16374ADGG Datasheet HTML 5Page - NXP Semiconductors VC16374ADGG Datasheet HTML 6Page - NXP Semiconductors VC16374ADGG Datasheet HTML 7Page - NXP Semiconductors VC16374ADGG Datasheet HTML 8Page - NXP Semiconductors VC16374ADGG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVC16374A/
74LVCH16374A
16-bit edge triggered D-type flip-flop with 5 Volt
tolerant inputs/outputs (3-State)
1998 Mar 17
3
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1
1OE
Output enable input
(active LOW)
2, 3, 5, 6, 8, 9,
11, 12
1Q0 to 1Q7
3-State flip-flop outputs
4, 10, 15, 21,
28, 34, 39, 45
GND
Ground (0V)
7, 18, 31, 42
VCC
Positive supply voltage
13, 14, 16, 17,
19, 20, 22, 23
2Q0 to 2Q7
3-State flip-flop outputs
24
2OE
Output enable input
(active LOW)
25
2CP
Clock input
36, 35, 33, 32,
30, 29, 27, 26
2D0 to 2D7
Data inputs
47, 46, 44, 43,
41, 40, 38, 37
1D0 to 1D7
Data inputs
48
1CP
Clock input
LOGIC SYMBOL
1OE
2OE
1CP
2CP
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
47
46
44
43
41
40
38
37
36
35
33
32
30
29
27
26
48
25
23
22
20
19
17
16
14
13
12
11
9
8
6
5
3
2
24
1
SW00075
LOGIC DIAGRAM
DQ
CP
FF1
1D0
1CP
1OE
1Q0
TO 7 OTHER CHANNELS
DQ
CP
FF9
2D0
2CP
2OE
2Q0
TO 7 OTHER CHANNELS
SW00076
FUNCTION TABLE
OPERATING MODES
INPUTS
INTERNAL
OUTPUTS
OPERATING MODES
nOE
nCP
nDx
FLIP-FLOPS
Q0 to Q7
Load and read register
L
L
°
°
l
h
L
H
L
H
Load register and disable outputs
H
H
°
°
l
h
L
H
Z
Z
H = HIGH voltage level
h = HIGH voltage level one set-up time prior to the HIGH-to-LOW LE transition
L = LOW voltage level
l = LOW voltage level one set-up time prior to the HIGH-to-LOW LE transition
Z = high impedance OFF-state
° = LOW-to-HIGH CP transition



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com