Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38856 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator with Enable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP38856 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP38856 Datasheet HTML 1Page - National Semiconductor (TI) LP38856 Datasheet HTML 2Page - National Semiconductor (TI) LP38856 Datasheet HTML 3Page - National Semiconductor (TI) LP38856 Datasheet HTML 4Page - National Semiconductor (TI) LP38856 Datasheet HTML 5Page - National Semiconductor (TI) LP38856 Datasheet HTML 6Page - National Semiconductor (TI) LP38856 Datasheet HTML 7Page - National Semiconductor (TI) LP38856 Datasheet HTML 8Page - National Semiconductor (TI) LP38856 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Ordering Information
V
OUT *
Order Number
Package Type
Package Drawing
Supplied As
0.8V
LP38856S-0.8
TO263-5
TS5B
Rail of 45
LP38856SX-0.8
TO263-5
TS5B
Tape and Reel of 500
LP38856T-0.8
TO220-5
T05D
Rail of 45
1.2V
LP38856S-1.2
TO263-5
TS5B
Rail of 45
LP38856SX-1.2
TO263-5
TS5B
Tape and Reel of 500
LP38856T-1.2
TO220-5
T05D
Rail of 45
* For custom VOUT values between 0.8V and 1.2V please contact the National Semiconductor Sales Office.
Connection Diagrams
20131102
TO-263, Top View
20131103
TO-220, Top View
Pin Descriptions
TO220–5 and TO263–5 Packages
Pin #
Pin Symbol
Pin Description
1
EN
The device Enable pin.
2
IN
The unregulated input voltage pin
3
GND
Ground
4
OUT
The regulated output voltage pin
5
BIAS
The supply for the internal control and reference circuitry
TAB
TAB
The TAB is a thermal connection that is physically attached to the backside of
the die, and is used as a thermal heat-sink connection. See the Application
Information section for details
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com