Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F032D Datasheet(PDF) 27 Page - STMicroelectronics

Part # M29F032D
Description  32 Mbit (4Mb x8, Uniform Block) 5V Supply Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F032D Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M29F032D Datasheet HTML 23Page - STMicroelectronics M29F032D Datasheet HTML 24Page - STMicroelectronics M29F032D Datasheet HTML 25Page - STMicroelectronics M29F032D Datasheet HTML 26Page - STMicroelectronics M29F032D Datasheet HTML 27Page - STMicroelectronics M29F032D Datasheet HTML 28Page - STMicroelectronics M29F032D Datasheet HTML 29Page - STMicroelectronics M29F032D Datasheet HTML 30Page - STMicroelectronics M29F032D Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
27/35
M29F032D
Table 19. CFI Query System Interface Information
Note: 1. Not supported in the CFI
Address
Data
Description
Value
1Bh
45h
VCC Logic Supply Minimum Program/Erase voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 mV
4.5V
1Ch
55h
VCC Logic Supply Maximum Program/Erase voltage
bit 7 to 4
BCD value in volts
bit 3 to 0
BCD value in 100 mV
5.5V
1Dh
00h
VPP [Programming] Supply Minimum Program/Erase voltage
00h not supported
NA
1Eh
00h
VPP [Programming] Supply Maximum Program/Erase voltage
00h not supported
NA
1Fh
04h
Typical timeout per single byte program = 2n µs
16µs
20h
00h
Typical timeout for minimum size write buffer program = 2n µs
NA
21h
0Ah
Typical timeout per individual block erase = 2n ms
1s
22h
00h
Typical timeout for full chip erase = 2n ms
see note (1)
23h
04h
Maximum timeout for byte program = 2n times typical
256µs
24h
00h
Maximum timeout for write buffer program = 2n times typical
NA
25h
03h
Maximum timeout per individual block erase = 2n times typical
8s
26h
00h
Maximum timeout for chip erase = 2n times typical
see note (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com