Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128FT95ZB6 Datasheet(PDF) 21 Page - STMicroelectronics

Part # M58LR128FT95ZB6
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128FT95ZB6 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M58LR128FT95ZB6 Datasheet HTML 17Page - STMicroelectronics M58LR128FT95ZB6 Datasheet HTML 18Page - STMicroelectronics M58LR128FT95ZB6 Datasheet HTML 19Page - STMicroelectronics M58LR128FT95ZB6 Datasheet HTML 20Page - STMicroelectronics M58LR128FT95ZB6 Datasheet HTML 21Page - STMicroelectronics M58LR128FT95ZB6 Datasheet HTML 22Page - STMicroelectronics M58LR128FT95ZB6 Datasheet HTML 23Page - STMicroelectronics M58LR128FT95ZB6 Datasheet HTML 24Page - STMicroelectronics M58LR128FT95ZB6 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 82 page
background image
21/82
M58LR128FT, M58LR128FB
Table 8. Protection Register Locks
Lock
Description
Number
Address
Bits
Lock 1
80h
Bit 0
preprogrammed to protect Unique Device Number, address 81h to
84h in PR0
Bit 1
protects 64bits of OTP segment, address 85h to 88h in PR0
Bits 2 to 15
reserved
Lock 2
89h
Bit 0
protects 128bits of OTP segment PR1
Bit 1
protects 128bits of OTP segment PR2
Bit 2
protects 128bits of OTP segment PR3
Bit 13
protects 128bits of OTP segment PR14
Bit 14
protects 128bits of OTP segment PR15
Bit 15
protects 128bits of OTP segment PR16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com