Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PC4617 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 2PC4617
Description  NPN general-purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PC4617 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  2PC4617 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PC4617 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PC4617 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PC4617 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PC4617 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PC4617 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PC4617 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PC4617 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1.
Product profile
1.1 General description
NPN transistor in a SOT416 (SC-75) plastic package. The PNP complement is 2PA1774.
1.2 Features
Low current (max. 150 mA)
Low voltage (max. 50 V)
1.3 Applications
General-purpose switching and amplification in communication, Electronic Data
Processing (EDP) and consumer applications.
2.
Pinning information
3.
Ordering information
2PC4617
NPN general-purpose transistor
Rev. 05 — 17 November 2009
Product data sheet
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1base
2emitter
3
collector
12
3
sym021
3
2
1
Table 2.
Ordering information
Type number
Package
Name
Description
Version
2PC4617Q
SC-75
plastic surface mounted package; 3 leads
SOT416
2PC4617R
2PC4617S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com