Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PC4617S Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 2PC4617S
Description  NPN general-purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PC4617S Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  2PC4617S Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PC4617S Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PC4617S Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PC4617S Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PC4617S Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PC4617S Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PC4617S Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PC4617S Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2PC4617_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 17 November 2009
3 of 7
NXP Semiconductors
2PC4617
NPN general-purpose transistor
7.
Characteristics
[1]
Pulse test: tp ≤ 300 μs; δ≤ 0.02.
Table 6.
Characteristics
Tamb = 25 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICBO
collector-base
cut-off current
IE =0 A; VCB =30 V
-
-
100
nA
IE =0 A; VCB =30 V;
Tj = 150 °C
--
5
μA
IEBO
emitter-base
cut-off current
IC =0 A; VEB =4 V
-
-
100
nA
hFE
DC current gain
IC =1mA; VCE =6 V
[1]
2PC4617Q
120
-
270
2PC4617R
180
-
390
2PC4617S
270
-
560
VCEsat
collector-emitter
saturation
voltage
IC =50mA; IB =5mA
[1] --
200
mV
Cc
collector
capacitance
IE =ie =0 A;
VCB =12V; f=1MHz
--
1.5
pF
fT
transition
frequency
IC =2mA; VCE =12 V;
f = 100 MHz
[1] 100
-
-
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com