Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ART-QR Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 2PD601ART-QR
Description  50 V, 100 mA NPN general-purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD601ART-QR Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 2PD601ART-QR Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 9Page - Nexperia B.V. All rights reserved 2PD601ART-QR Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Nexperia
2PD601ART
50 V, 100 mA NPN general-purpose transistor
13. Revision history
Table 8. Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
2PD601ART v.2
20230101
Product data sheet
-
2PD601ART_1
Modifications:
• Product changed to non-automotive qualification. Please refer to nexperia.com for automotive
(-Q) product alternative(s).
2PD601ART_1
20070315
Product data sheet
-
-
2PD601ART
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2023. All rights reserved
Product data sheet
1 January 2023
8 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com