Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD602AXL Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # 2PD602AXL
Description  50 V, 500 mA NPN general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD602AXL Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  2PD602AXL Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD602AXL Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD602AXL Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD602AXL Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD602AXL Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD602AXL Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD602AXL Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD602AXL Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD602AXL Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2PD602AXL_1
Product data sheet
Rev. 01 — 27 October 2008
3 of 9
Nexperia
2PD602AxL
50 V, 500 mA NPN general-purpose transistors
[1]
* = -: made in Hong Kong
* = p: made in Hong Kong
* = t: made in Malaysia
* = W: made in China
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
2PD602AQL/DG
SX*
2PD602ARL/DG
SW*
2PD602ASL/DG
SV*
Table 5.
Marking codes …continued
Type number
Marking code[1]
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
500
mA
ICM
peak collector current
single pulse;
tp ≤ 1ms
-1
A
IBM
peak base current
single pulse;
tp ≤ 1ms
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
250
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1] -
-
500
K/W
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com