Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD602AQL Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 2PD602AQL
Description  50 V, 500 mA NPN general-purpose transistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

2PD602AQL Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

  2PD602AQL Datasheet HTML 1Page - Nexperia B.V. All rights reserved 2PD602AQL Datasheet HTML 2Page - Nexperia B.V. All rights reserved 2PD602AQL Datasheet HTML 3Page - Nexperia B.V. All rights reserved 2PD602AQL Datasheet HTML 4Page - Nexperia B.V. All rights reserved 2PD602AQL Datasheet HTML 5Page - Nexperia B.V. All rights reserved 2PD602AQL Datasheet HTML 6Page - Nexperia B.V. All rights reserved 2PD602AQL Datasheet HTML 7Page - Nexperia B.V. All rights reserved 2PD602AQL Datasheet HTML 8Page - Nexperia B.V. All rights reserved 2PD602AQL Datasheet HTML 9Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
2PD602AXL_1
Product data sheet
Rev. 01 — 27 October 2008
6 of 9
Nexperia
2PD602AxL
50 V, 500 mA NPN general-purpose transistors
11. Soldering
Fig 2.
Reflow soldering footprint SOT23 (TO-236AB)
Fig 3.
Wave soldering footprint SOT23 (TO-236AB)
solder lands
solder resist
occupied area
solder paste
sot023_fr
0.5
(3
×)
0.6
(3
×)
0.6
(3
×)
0.7
(3
×)
3
1
3.3
2.9
1.7
1.9
2
Dimensions in mm
solder lands
solder resist
occupied area
preferred transport direction during soldering
sot023_fw
2.8
4.5
1.4
4.6
1.4
(2
×)
1.2
(2
×)
2.2
2.6
Dimensions in mm
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com