Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LR128F-ZB Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58LR128F-ZB
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128F-ZB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58LR128F-ZB Datasheet HTML 9Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 10Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 11Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 12Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 13Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 14Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 15Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 16Page - STMicroelectronics M58LR128F-ZB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
13/82
M58LR128FT, M58LR128FB
Status of the addressed bank, the Protection Reg-
ister, or the Configuration Register (see Table 7.).
The Read Electronic Signature command can be
issued at any time, even during program or erase
operations, except during Protection Register Pro-
gram operations.
If a Read Electronic Signature command is issued
to a bank that is executing a program or erase op-
eration the bank will go into Read Electronic Sig-
nature mode. Subsequent Bus Read cycles will
output the Electronic Signature data and the Pro-
gram/Erase controller will continue to program or
erase in the background.
The Read Electronic Signature command will only
change the read mode of the addressed bank. The
read modes of other banks are not affected. Only
Asynchronous Read and Single Synchronous
Read operations should be used to read the Elec-
tronic Signature. A Read Array command is re-
quired to return the bank to Read Array mode.
Read CFI Query Command
The Read CFI Query command is used to read
data from the Common Flash Interface (CFI).
One Bus Write cycle is required to issue the Read
CFI Query command. Once a bank is in Read CFI
Query mode, subsequent Bus Read operations in
the same bank read from the Common Flash Inter-
face.
The Read CFI Query command can be issued at
any time, even during program or erase opera-
tions.
If a Read CFI Query command is issued to a bank
that is executing a program or erase operation the
bank will go into Read CFI Query mode. Subse-
quent Bus Read cycles will output the CFI data
and the Program/Erase controller will continue to
program or erase in the background.
The Read CFI Query command will only change
the read mode of the addressed bank. The read
modes of other banks are not affected. Only Asyn-
chronous Read and Single Synchronous Read op-
erations should be used to read from the CFI. A
Read Array command is required to return the
bank to Read Array mode.
See APPENDIX B., COMMON FLASH INTER-
FACE, Tables 31, 32, 33, 34, 35, 37, 38, 39 and 40
for details on the information contained in the
Common Flash Interface memory area.
Clear Status Register Command
The Clear Status Register command can be used
to reset (set to ‘0’) all error bits (SR1, 3, 4 and 5) in
the Status Register.
One Bus Write cycle is required to issue the Clear
Status Register command. The Clear Status Reg-
ister command does not change the read mode of
the addressed bank.
The error bits in the Status Register do not auto-
matically return to ‘0’ when a new command is is-
sued. The error bits in the Status Register should
be cleared before attempting a new program or
erase command.
Block Erase Command
The Block Erase command is used to erase a
block. It sets all the bits within the selected block
to ’1’. All previous data in the block is lost.
If the block is protected then the erase operation
will abort, the data in the block will not be changed
and the Status Register will output the error.
Two Bus Write cycles are required to issue the
command.
■
The first bus cycle sets up the Block Erase
command.
■
The second latches the block address and
starts the Program/Erase Controller.
If the second bus cycle is not the Block Erase Con-
firm code, Status Register bits SR4 and SR5 are
set and the command is aborted.
Once the command is issued the bank enters
Read Status Register mode and any read opera-
tion within the addressed bank will output the con-
tents of the Status Register. A Read Array
command is required to return the bank to Read
Array mode.
During Block Erase operations the bank contain-
ing the block being erased will only accept the
Read Array, Read Status Register, Read Electron-
ic Signature, Read CFI Query and the Program/
Erase Suspend command, all other commands
will be ignored.
The Block Erase operation aborts if Reset, RP,
goes to VIL. As data integrity cannot be guaran-
teed when the Block Erase operation is aborted,
the block must be erased again.
Refer to Dual Operations section for detailed infor-
mation about simultaneous operations allowed in
banks not being erased.
Typical
Erase
times
are
given
in
Table
15., Program, Erase Times and Endurance Cy-
cles.
See APPENDIX C., Figure 25., Block Erase Flow-
chart and Pseudo Code, for a suggested flowchart
for using the Block Erase command.
Program Command
The program command is used to program a sin-
gle Word to the memory array.
Two Bus Write cycles are required to issue the
Program Command.
■
The first bus cycle sets up the Program
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com