Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GMMTA02 Datasheet(PDF) 1 Page - Belden Inc.

Part # GMMTA02
Description  Outdoor Tactical tight buffered distribution cable PUR jacket 2f SM OS2 G.652.D & G.657.A1.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

GMMTA02 Datasheet(HTML) 1 Page - Belden Inc.

  GMMTA02 Datasheet HTML 1Page - Belden Inc. GMMTA02 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: GMMTA02
Outdoor Tactical tight buffered distribution cable PUR jacket 2f SM OS2
G.652.D & G.657.A1.
Product Description
Outdoor Tactical tight buffered optical fiber distribution cable with Polyurethane (PUR) outer jacket. 2 fibers SM OS2 G.652.D & G.657.A1.
Technical Specifications
Product Overview
Construction Type:
Tactical
Environmental Space:
Indoor/Outdoor
Suitable Applications:
For outdoor and indoor use. These metal-free mobile cables have been designed for de-spooling and re-spooling repeatedly. Support all computer network applications such as
FDDI, Gigabit Ethernet and ATM Easy to install. Not Recommended for direct burial.
Construction
Fiber Cable Construction
Fiber Type Fiber Grade acc. ITU-T Fiber Count
OS2
G.652D & G.657A1
2
Fiber Color Coding:
TIA coding (Gxxxxxx.T): Blue, Orange
Buffer Specification
Fiber Type Buffer Construction Buffer Material Buffer Diameter
OS2
Tight
Nylon
0.9 mm
Cable Core Water Tight:
Yes
Cable Core Waterblocking:
Waterblocking Glass Yarns
Bulk Cable Weight:
29 kg/km
Jacket Specifications
Number of Jackets:
Single Jacket
Type of Armor:
Non-Armored
Outer Jacket Specifications
Outer Jacket
Material
Nominal Diameter Ripcord
PUR - Polyurethane 5.8 mm
Yes
Optical Characteristics
Max. Attenuation at 1310
nm:
0.40 dB/km
Max. Attenuation at 1550
nm:
0.30 dB/km
Max. Attenuation at 1625
nm:
0.30 dB/km
Mechanical Characteristics
Mechanical Tests
Description
Tested Standard
Requirement/Value According to Family Specification


Similar Part No. - GMMTA02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GMMTA04 BELDEN-GMMTA04 Datasheet
146Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 4f SM OS2 G.652.D & G.657.A1.
04-10-2024
GMMTA04.002100 BELDEN-GMMTA04.002100 Datasheet
146Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 4f SM OS2 G.652.D & G.657.A1.
04-10-2024
GMMTA06 BELDEN-GMMTA06 Datasheet
145Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 6f SM OS2 G.652.D & G.657.A1.
04-10-2024
More results

Similar Description - GMMTA02

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
GMBTA02 BELDEN-GMBTA02 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 2f SM OS2 G.652.D & G.657.A1.
01-20-2023
GMBTA04 BELDEN-GMBTA04 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 4f SM OS2 G.652.D & G.657.A1.
01-20-2023
GMBTA06 BELDEN-GMBTA06 Datasheet
139Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 6f SM OS2 G.652.D & G.657.A1.
01-20-2023
GMBTA08 BELDEN-GMBTA08 Datasheet
140Kb / 2P
Outdoor Tactical tight buffered breakout cable PUR jacket 8f SM OS2 G.652.D & G.657.A1.
01-20-2023
GMMTI02 BELDEN-GMMTI02 Datasheet
138Kb / 2P
Outdoor Tactical tight buffered distribution cable PUR jacket 2f SM OS2 G.657.B3.
01-20-2023
GMTTA02 BELDEN-GMTTA02 Datasheet
141Kb / 2P
Outdoor Tactical tight buffered (core bonded design) PUR jacket 2f SM OS2 G.652.D & G.657.A1.
01-20-2023
GNMTA04 BELDEN-GNMTA04 Datasheet
140Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 4f SM OS2 G.652.D & G.657.A1.
01-20-2023
GNMTA08 BELDEN-GNMTA08 Datasheet
140Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 8f SM OS2 G.652.D & G.657.A1.
01-20-2023
GNMTA12 BELDEN-GNMTA12 Datasheet
140Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 12f SM OS2 G.652.D & G.657.A1.
01-20-2023
GNMTA24 BELDEN-GNMTA24 Datasheet
140Kb / 2P
Outdoor Tactical (loose jacket, ARAMID) tight buffered distribution cable PUR jacket 24f SM OS2 G.652.D & G.657.A1.
01-20-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com