Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EPX Datasheet(PDF) 2 Page - 3M Electronics

Part # EPX
Description  3M™ EPX™ Applicators and Nozzles
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EPX Datasheet(HTML) 2 Page - 3M Electronics

  EPX Datasheet HTML 1Page - 3M Electronics EPX Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3M™ EPX™
200, 400 mL
Manual
Applicator
Stock #:
62-9148-9930-7
UPC:
0-00-51111-98073-6
N/A
✓ ✓ ✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Gold, 200mL and 400mL
Stock #: 62-9176-9127-1
UPC: 0-00-21200-97331-4
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Helical White, 200mL and 400mL
Stock #: 62-9142-9930-0
UPC: 0-00-21200-87982-1
3M™ EPX™
490 mL
Manual
Applicator
Stock #:
62-9182-9930-6
UPC:
0-00-51115-71115-2
N/A
✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Helical Orange, 490mL
Stock #: 62-9158-9136-0
UPC: 0-00-51115-69042-6
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Green, 490mL
Stock #: 62-9184-9490-7
UPC: 0-00-51115-81619-2
3M™ Scotch-
Weld™ EPX™
Pneumatic
Applicator
200 mL
Stock #:
62-9140-9930-4
UPC:
0-00-21200-87978-4
N/A
✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Gold, 200mL and 400mL
Stock #: 62-9176-9127-1
UPC: 0-00-21200-97331-4
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Helical White, 200mL and 400mL
Stock #: 62-9142-9930-0
UPC: 0-00-21200-87982-1
3M™ EPX™
400 mL
Pneumatic
Applicator
Stock #:
62-9145-9930-3
UPC:
0-00-21200-87979-1
N/A
✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Gold, 200mL and 400mL
Stock #: 62-9176-9127-1
UPC: 0-00-21200-97331-4
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Helical White, 200mL and 400mL
Stock #: 62-9142-9930-0
UPC: 0-00-21200-87982-1
3M™ EPX™
490 mL
Pneumatic
Applicator
Stock #:
62-9152-9930-9
UPC:
0-00-51115-69041-9
N/A
✓
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Helical Orange, 490 mL
Stock #: 62-9158-9136-0
UPC: 0-00-51115-69042-6
3M™ Scotch-Weld™ EPX™
Mixing Nozzle
Square Green, 490 mL
Stock #: 62-9184-9490-7
UPC: 0-00-51115-81619-2
Standard
Caulk Gun
N/A
3M™ Concrete
Repair Urethane
8.4 oz cartridges
3M™ Concrete Repair 8.4 oz
Cartridge Nozzles
Stock #: 62-9637-9935-8
UPC: 0-00-48011-53382-7
For low volume applications and take-it-to-the-job convenience, the 3M™ EPX™ Plus II and EPX™ metal manual applicators comfortably
dispense any of the 3M™ Scotch-Weld™ Duo-Pak Structural Adhesives. For higher volume applications, select the 200mL manual dispenser, or
the 200mL or 400mL pneumatic dispenser. For concrete repair, there are both manual or pneumatic options.
3M™ Scotch-Weld™ One-Part Heat Cured Epoxies require a unique manual or pneumatic dispenser, such as Semco® 250, 350, 850,
950, or equivalent.
3M™ EPX™ Applicators and Nozzles
27



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com