Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2244AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2244AD
Description  Octal buffer/line driver with 30 ohm series termination resistors; 5 V input/output tolerant; 3-state
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2244AD Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2244AD Datasheet HTML 1Page - NXP Semiconductors 74LVC2244AD Datasheet HTML 2Page - NXP Semiconductors 74LVC2244AD Datasheet HTML 3Page - NXP Semiconductors 74LVC2244AD Datasheet HTML 4Page - NXP Semiconductors 74LVC2244AD Datasheet HTML 5Page - NXP Semiconductors 74LVC2244AD Datasheet HTML 6Page - NXP Semiconductors 74LVC2244AD Datasheet HTML 7Page - NXP Semiconductors 74LVC2244AD Datasheet HTML 8Page - NXP Semiconductors 74LVC2244AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1999 Sep 30
4
Philips Semiconductors
Product specification
Octal buffer/line driver with 30
Ω series termination
resistors; 5 V input/output tolerant; 3-state
74LVC2244A
Fig.1 Pin configuration.
handbook, halfpage
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
GND
VCC
2OE
1Y0
2A0
2A1
1Y2
1Y1
2A2
1Y3
2A3
1
2
3
4
5
6
7
8
9
10
11
12
20
19
18
17
16
15
14
13
2244
MNA357
handbook, halfpage
1A3
1A2
1A1
1A0
2
4
6
8
1
1Y0
1Y1
18
16
14
12
1Y2
1Y3
1OE
MNA360
2A3
2A2
2A1
2A0
17
15
13
11
19
2Y0
2Y1
3
5
7
9
2Y2
2Y3
2OE
Fig.2 Functional diagram.
Fig.3 IEC logic symbol.
handbook, halfpage
12
14
2
4
6
8
18
16
1
EN
MNA359
9
7
17
15
13
11
3
5
19
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com