Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

941-BK Datasheet(PDF) 4 Page - Anderson Power Products, Inc.

Part # 941-BK
Description  SB® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

941-BK Datasheet(HTML) 4 Page - Anderson Power Products, Inc.

  941-BK Datasheet HTML 1Page - Anderson Power Products, Inc. 941-BK Datasheet HTML 2Page - Anderson Power Products, Inc. 941-BK Datasheet HTML 3Page - Anderson Power Products, Inc. 941-BK Datasheet HTML 4Page - Anderson Power Products, Inc. 941-BK Datasheet HTML 5Page - Anderson Power Products, Inc. 941-BK Datasheet HTML 6Page - Anderson Power Products, Inc. 941-BK Datasheet HTML 7Page - Anderson Power Products, Inc. 941-BK Datasheet HTML 8Page - Anderson Power Products, Inc. 941-BK Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
- 91 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 175 CONNECTOR SPECIFICATIONS
NOTE 1: See IEC 60664-1 for working voltage.
NOTE 2: Amp ratings are stated per position and based on all positions being fully loaded.
1 - Based on: 105°C rated or better cable of the largest size. Properly calibrated APP® recommended tooling, and a 25°C ambient temperature. UL rating
not to exceed the maximum operating temperature. CSA rating below a 30°C temperature rise.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Use APP® recommended tooling only. Alternate tools may adversely affect the performance of our connectors along with UL and CSA recognition.
4 - Tested with contact part number 1382.
MECHANICAL
Wire Size Range
AWG
mm²
Wire Contacts with Bushings
10 to 1/0
5.3 to 53.5
Max. Wire Insulation Diameter
in.
mm
0.600
15.240
Operating Temperature ²
°F
°C
Standard
-4° to 221°
-20° to 105°
Chemical Resistant
-40 to 221°
-40° to 105°
Mating Cycles No Load by Plating
Silver (Ag)
Wire and Busbar Contacts
10,000
Avg. Mating / Unmating Force
Lbf.
N
2 Pole
25
111
3 Pole
35
156
Min. Contact / Spring Retention Force
Lbf.
N
150
667
Mechanical Shock 4
MIL-STD-202
213
Condition A
50g’s
Vibration High Frequency 4
MIL-STD-202
204
Condition A
10g’s
MATERIALS
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT
blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire
960°C (GWFI) / 850°C
(GWIT)
Wire & Busbar Contacts
Base
Copper Alloy
Plating
Silver
Contact Termination Methods
Crimp ³
Wire Contacts
Hand Solder
Wire Contacts
Wrench / Socket
Busbar Contacts Only
ELECTRICAL
Current Rating Amperes ¹
UL 1977
CSA
Wire-to-Wire (1/0 AWG)
280
175
Wire-to-Busbar (1/0 AWG)
200
3 Pole Wire-to-Wire (1/0 AWG)
175
Voltage Rating AC/DC
UL 1977
600
Dielectric Withstanding Voltage
Volts AC
2,200
Avg. Mated Contact Resistance Milliohms ¹
6” of 1/0 AWG wire
0.100
Hot Plug Current Rating Amperes - Wire & Busbar
250 cycles at 120V DC 1/0 Wires
100A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com