Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

913 Datasheet(PDF) 3 Page - Anderson Power Products, Inc.

Part # 913
Description  SB® 350 Connectors Up to 500 Amps
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

913 Datasheet(HTML) 3 Page - Anderson Power Products, Inc.

  913 Datasheet HTML 1Page - Anderson Power Products, Inc. 913 Datasheet HTML 2Page - Anderson Power Products, Inc. 913 Datasheet HTML 3Page - Anderson Power Products, Inc. 913 Datasheet HTML 4Page - Anderson Power Products, Inc. 913 Datasheet HTML 5Page - Anderson Power Products, Inc. 913 Datasheet HTML 6Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
- 98 -
All Data Subject To Change Without Notice
www.andersonpower.com
IEC INFORMATION
ATTRIBUTES
SB® 350
AMP Rating AC/DC
350
Voltage Rating AC/DC (Steady State)
500 V AC/DC (Operational)
Breaking Capacity - AMP Rating / Cycles
100 Amp / 10 cycles
Voltage Rating (Breaking Capacity)
125 VDC
Finger Safety - Mated Only
IEC 60529 - IP20
Wire Size Tested
120 mm²
Contact Series Tested
908
Climatic Testing (Cold, Heat & MFG)
IEC 60512 Test -11j, 11i & 11g
Cycle Life
IEC 60512 Test 9a - 5,000 Cycles
Mechanical Strength Impact
IEC 60512-5 @ 29.5 Inches -
Dropped 8 Times
Temperature Range
-20 °C to 105 °C
-4 °F to 221 °F
PROTECTION
Touch Safety with Wire Contacts
IEC 60529
IP10 unmated
Connector
Series
Configurations
Creepage /
Clearance per
IEC 60950-1
Material
Group
SB® 350
Unmated
5.66 mm
IIIa
Mated
5.66 mm
NOTE 1: See IEC 60664-1 for working voltage.
1 - Based on: 105°C rated or better cable of the largest size. Properly calibrated
APP® recommended tooling, and a 25°C ambient temperature. UL rating
not to exceed the maximum operating temperature. CSA rating below
a 30°C temperature rise.
2 - Limited by the thermal properties of the connector plastic housing.
3 - Use APP® recommended tooling only. Alternate tools may adversely affect
the performance of our connectors along with UL and CSA recognition.
4 - Has not been tested by UL.
MATERIALS
Housing
Standard Plastic Resin
Polycarbonate
Chem. Resistant Resin
Polycarbonate / PBT blend
Contact Retention Spring
Stainless Steel
Housing Flammability Rating
UL94
V-0
Glow Wire
960°C (GWFI) / 800°C GWIT)
Wire & Busbar Contacts 4
Base
Copper Alloy
Plating
Silver
Contact Termination Methods
Crimp ³
Wire Contacts
Hand Solder
Wire Contacts
Wrench / Socket
Busbar Contacts



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com