Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5184 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 2SC5184
Description  SILICON TRANSISTOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5184 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button 2SC5184 Datasheet HTML 4Page - Renesas Technology Corp 2SC5184 Datasheet HTML 5Page - Renesas Technology Corp 2SC5184 Datasheet HTML 6Page - Renesas Technology Corp 2SC5184 Datasheet HTML 7Page - Renesas Technology Corp 2SC5184 Datasheet HTML 8Page - Renesas Technology Corp 2SC5184 Datasheet HTML 9Page - Renesas Technology Corp 2SC5184 Datasheet HTML 10Page - Renesas Technology Corp 2SC5184 Datasheet HTML 11Page - Renesas Technology Corp 2SC5184 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
6
2SC5184
VCE = 1 V, IC = 7 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
MAG
0.784
0.700
0.606
0.490
0.412
0.343
0.299
0.265
0.243
0.222
0.213
0.198
0.193
0.184
0.183
0.178
0.177
0.176
0.180
0.182
ANG
–18.0
–36.7
–51.4
–68.6
–80.3
–92.6
–103.1
–111.9
–120.0
–127.7
–135.2
–142.5
–149.8
–156.2
–162.3
–168.3
–173.9
–179.6
175.3
170.6
MAG
11.844
10.881
9.746
9.052
8.022
7.101
6.348
5.687
5.170
4.735
4.360
4.033
3.756
3.508
3.310
3.127
2.963
2.814
2.686
2.573
ANG
157.9
143.4
131.7
121.0
113.0
106.5
101.0
96.8
93.2
89.7
86.9
83.9
81.5
79.0
76.8
74.6
72.7
70.6
68.6
66.9
MAG
0.026
0.045
0.060
0.070
0.081
0.091
0.100
0.110
0.119
0.130
0.140
0.150
0.159
0.169
0.179
0.189
0.199
0.208
0.217
0.228
ANG
77.0
68.8
64.3
62.4
61.4
61.2
62.0
62.1
62.3
62.2
62.3
62.7
62.2
61.9
61.8
61.4
61.0
60.9
60.3
60.0
MAG
0.906
0.784
0.664
0.563
0.496
0.436
0.393
0.359
0.336
0.317
0.298
0.283
0.268
0.257
0.248
0.239
0.231
0.224
0.218
0.211
ANG
–18.0
–32.0
–40.8
–46.7
–50.2
–52.6
–54.8
–55.8
–57.4
–58.1
–59.3
–59.8
–61.4
–62.2
–63.3
–63.8
–65.1
–66.2
–67.3
–68.8
VCE = 1 V, IC = 10 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
MHz
100.0000
200.0000
300.0000
400.0000
500.0000
600.0000
700.0000
800.0000
900.0000
1000.0000
1100.0000
1200.0000
1300.0000
1400.0000
1500.0000
1600.0000
1700.0000
1800.0000
1900.0000
2000.0000
MAG
0.689
0.583
0.476
0.372
0.306
0.259
0.232
0.211
0.198
0.184
0.180
0.172
0.172
0.169
0.169
0.168
0.168
0.170
0.175
0.179
ANG
–24.5
–47.9
–65.2
–82.3
–94.2
–106.7
–117.0
–126.3
–134.5
–142.3
–149.3
–156.7
–163.4
–169.2
–175.2
179.9
174.6
169.3
165.1
161.1
MAG
14.893
13.678
11.837
10.296
8.800
7.604
6.695
5.965
5.386
4.901
4.500
4.155
3.851
3.602
3.400
3.189
3.032
2.880
2.748
2.629
ANG
153.4
137.1
124.5
114.1
106.9
101.4
96.9
93.1
90.1
87.1
84.5
82.0
79.5
77.3
75.4
73.1
71.4
69.4
67.6
66.0
MAG
0.024
0.041
0.054
0.065
0.076
0.087
0.098
0.108
0.118
0.128
0.140
0.151
0.161
0.170
0.183
0.193
0.203
0.213
0.224
0.234
ANG
76.0
68.5
65.2
63.8
65.2
65.2
65.5
65.5
65.6
66.0
65.8
65.5
65.1
64.6
64.2
63.8
63.2
62.6
62.0
61.4
MAG
0.865
0.710
0.579
0.483
0.421
0.367
0.331
0.301
0.282
0.265
0.251
0.239
0.226
0.218
0.210
0.203
0.195
0.188
0.184
0.179
ANG
–22.1
–37.1
–45.5
–50.8
–53.5
–55.4
–57.2
–58.0
–59.2
–59.5
–60.8
–61.5
–63.1
–63.8
–65.4
–66.0
–67.1
–68.3
–69.4
–71.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com