Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

940 Datasheet(PDF) 2 Page - Anderson Power Products, Inc.

Part # 940
Description  SB® 175 Connectors Up to 280 Amps
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APP [Anderson Power Products, Inc.]
Direct Link  https://www.andersonpower.com/
Logo APP - Anderson Power Products, Inc.

940 Datasheet(HTML) 2 Page - Anderson Power Products, Inc.

  940 Datasheet HTML 1Page - Anderson Power Products, Inc. 940 Datasheet HTML 2Page - Anderson Power Products, Inc. 940 Datasheet HTML 3Page - Anderson Power Products, Inc. 940 Datasheet HTML 4Page - Anderson Power Products, Inc. 940 Datasheet HTML 5Page - Anderson Power Products, Inc. 940 Datasheet HTML 6Page - Anderson Power Products, Inc. 940 Datasheet HTML 7Page - Anderson Power Products, Inc. 940 Datasheet HTML 8Page - Anderson Power Products, Inc. 940 Datasheet HTML 9Page - Anderson Power Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
- 89 -
All Data Subject To Change Without Notice
www.andersonpower.com
SB® 175 3 Pole Housings & Hardware
A three pole version of the standard SB® 175 housing has
a two piece housing with springs and hardware. Useful for
DC 2 wire plus ground and AC single phase applications.
Description
Part Numbers
Minimum Quantity
100
25
Gray Housing and Hardware Kit
-
902
Gray Housing Top Half
2-5048
-
Gray Housing Bottom Half
2-5049
-
Hardware Kit
-
110G34
SB® 175 Silver Plated Wire Contacts
Silver plated contacts offer superior electrical performance and durability up to 10,000 mating cycles.
See reducing bushings in accessory section for smaller wires.
Dimensions
Mating
Loose Piece
- A -
- B -
- C -
- D -
AWG
mm²
Force
Part Numbers
inches mm
inches mm
inches mm
inches mm
Minimum Quantity
500
50
1/0
53.5
High
1382-BK
1382
2.35 59.69
0.52
13.21 0.44
11.18
1.04
26.42
1
42.4
High
1347-BK
1347
2.35 59.69
0.52
13.21 0.39
9.91
1.04
26.42
2
33.6
High
1383-BK
1383
2.35 59.69
0.52
13.21 0.35
8.89
1.04
26.42
4
21.1
High
1384-BK
1384
2.35 59.69
0.52
13.21 0.30
7.62
1.04
26.42
6
13.3
High
1348-BK
1348
2.10 53.34
0.37
9.40
0.22
5.59
0.80
26.42
2/0 *
70
Low
1328G1-BK 1328G1
2.35 59.69
0.64
16.26 0.49
12.45
1.04
26.42
* Use with 115107G1 only
SB® 175 Silver Plated Busbar Contacts
Provides a quick disconnect input or output busbar connection.
Busbar contacts are for mating with wire contacts only. Part number
180BBS includes lock nuts. Locknuts must be ordered separately
for 180BBS-BK.
Mating
Type
Thread
Force
Loose Piece Part Numbers
Minimum Quantity
1,000
120
10
Busbar
1/4-20
High
-
180BBS-BK
180BBS
Lock Nut
1/4-20
-
H1216P7 110G56
110G55
Silver Plated Wire Contacts - use with 2/0 Housing ONLY
Silver plated contacts offer superior electrical performance and durability up to 5,000 mating cycles.
Dimensions
- A -
- B -
- C -
- D -
Type
AWG mm²
Loose Piece Part Numbers
inches mm
inches
mm
inches mm
inches mm
Minimum Quantity
300
50
Individual
2/0
70
1328G1-BK
1328G1
2.35 59.69
0.64
16.26
0.49
12.45
1.04
26.42
[ 79.4 ]
3.13
[28.6]
1.13
[ 11.7 ]
0.46
[ 6.7 ]
Ø 0.27 (4)
[ 28.6 ]
1.13
[ 82.6 ]
3.25
[ 26.2 ]
1.03
[ 25.4 ]
1.00
Top View
Side View
See Busbar contact drawing on
website for further detail.
B
[ 109.0 ]
4.29
[ 25.4 ]
1.0
[ 12.7 ]
0.5
[ 4.57 ]
0.18
#¼- 20 THD
[ 12.7 ]
0.50
B
C
A
D
[ 12.7 ]
0.50
B
A
D
C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com