Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5192 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # 2SC5192
Description  SILICON TRANSISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5192 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button 2SC5192 Datasheet HTML 4Page - Renesas Technology Corp 2SC5192 Datasheet HTML 5Page - Renesas Technology Corp 2SC5192 Datasheet HTML 6Page - Renesas Technology Corp 2SC5192 Datasheet HTML 7Page - Renesas Technology Corp 2SC5192 Datasheet HTML 8Page - Renesas Technology Corp 2SC5192 Datasheet HTML 9Page - Renesas Technology Corp 2SC5192 Datasheet HTML 10Page - Renesas Technology Corp 2SC5192 Datasheet HTML 11Page - Renesas Technology Corp 2SC5192 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2SC5192
8
VCE = 3 V, IC = 3 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.898
–23.3
9.607
162.0
0.033
75.5
0.956
–13.1
200.00
0.834
–45.3
8.890
146.4
0.059
65.2
0.892
–24.3
300.00
0.758
–64.2
7.932
133.5
0.081
54.5
0.801
–33.8
400.00
0.682
–82.0
6.964
121.9
0.095
49.4
0.711
–40.6
500.00
0.623
–97.2
6.174
112.4
0.105
44.9
0.636
–46.5
600.00
0.570
–110.9
5.436
104.2
0.110
41.7
0.573
–50.9
700.00
0.533
–122.3
4.874
97.3
0.120
37.4
0.522
–54.1
800.00
0.511
–134.8
4.398
91.2
0.122
35.7
0.474
–56.7
900.00
0.493
–145.1
4.012
85.4
0.127
33.8
0.443
–59.2
1000.00
0.477
–153.9
3.648
80.2
0.132
31.9
0.407
–61.6
1100.00
0.477
–163.5
3.380
75.5
0.136
33.6
0.383
–64.3
1200.00
0.471
–170.6
3.099
71.2
0.137
31.5
0.357
–66.9
1300.00
0.479
–178.8
2.915
66.9
0.141
32.2
0.337
–69.8
1400.00
0.486
174.1
2.724
62.7
0.149
30.1
0.325
–72.3
1500.00
0.492
167.4
2.554
58.6
0.149
30.6
0.311
–75.4
1600.00
0.493
164.1
2.399
55.3
0.152
29.4
0.298
–79.1
1700.00
0.498
156.6
2.247
51.7
0.164
31.3
0.290
–80.7
1800.00
0.503
152.4
2.144
48.2
0.165
29.4
0.274
–89.1
1900.00
0.513
148.8
2.032
44.9
0.169
30.0
0.253
–88.2
2000.00
0.519
143.3
1.944
41.8
0.170
29.8
0.250
–91.9
VCE = 3 V, IC = 5 mA, ZO = 50
Ω
FREQUENCY
S11
S21
S12
S22
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.839
–29.8
14.278
157.2
0.031
77.2
0.935
–17.7
200.00
0.736
–56.5
12.457
138.9
0.053
65.0
0.819
–31.9
300.00
0.651
–77.6
10.528
125.1
0.071
56.2
0.694
–42.5
400.00
0.568
–96.3
8.837
113.9
0.081
48.5
0.594
–48.9
500.00
0.515
–111.8
7.559
105.1
0.091
46.6
0.515
–54.8
600.00
0.471
–125.7
6.524
97.8
0.094
44.8
0.452
–58.9
700.00
0.445
–137.6
5.768
91.7
0.101
41.4
0.408
–61.3
800.00
0.436
–148.3
5.134
86.4
0.107
41.0
0.363
–64.6
900.00
0.422
–158.6
4.637
81.3
0.112
40.5
0.335
–66.8
1000.00
0.421
–166.4
4.199
76.8
0.120
40.8
0.308
–69.0
1100.00
0.416
175.0
3.864
72.8
0.123
40.9
0.281
–71.7
1200.00
0.422
178.6
3.540
68.9
0.136
41.3
0.263
–75.9
1300.00
0.430
171.7
3.320
64.9
0.142
40.1
0.245
–80.3
1400.00
0.439
165.9
3.085
61.1
0.145
40.3
0.241
–81.6
1500.00
0.451
159.6
2.888
57.6
0.154
40.3
0.227
–86.3
1600.00
0.457
156.3
2.718
54.6
0.157
38.4
0.211
–90.4
1700.00
0.464
149.7
2.539
51.2
0.164
37.3
0.202
–92.0
1800.00
0.467
145.7
2.410
48.2
0.170
36.8
0.194
–102.8
1900.00
0.483
141.5
2.286
45.1
0.173
36.1
0.172
–102.5
2000.00
0.485
137.6
2.183
42.0
0.181
35.6
0.173
–107.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com