Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5193 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 2SC5193
Description  NPN SILICON RF TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5193 Datasheet(HTML) 5 Page - Renesas Technology Corp

  2SC5193 Datasheet HTML 1Page - Renesas Technology Corp 2SC5193 Datasheet HTML 2Page - Renesas Technology Corp 2SC5193 Datasheet HTML 3Page - Renesas Technology Corp 2SC5193 Datasheet HTML 4Page - Renesas Technology Corp 2SC5193 Datasheet HTML 5Page - Renesas Technology Corp 2SC5193 Datasheet HTML 6Page - Renesas Technology Corp 2SC5193 Datasheet HTML 7Page - Renesas Technology Corp 2SC5193 Datasheet HTML 8Page - Renesas Technology Corp 2SC5193 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Data Sheet PU10512EJ01V0DS
3
2SC5193
TYPICAL CHARACTERISTICS (TA = +25
°C, unless otherwise specified)
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
Collector Current IC (mA)
COLLECTOR CURRENT
DC CURRENT GAIN vs.
Collector Current IC (mA)
vs. COLLECTOR CURRENT
GAIN BANDWIDTH PRODUCT
Ambient Temperature TA (˚C)
TOTAL POWER DISSIPATION
vs. AMBIENT TEMPERATURE
Collector to Base Voltage VCB (V)
vs. COLLECTOR TO BASE VOLTAGE
REVERSE TRANSFER CAPACITANCE
Base to Emitter Voltage VBE (V)
COLLECTOR CURRENT vs.
BASE TO EMITTER VOLTAGE
Free Air
50
100
150
0
100
200
f = 1 MHz
510
20
1
0.1
0.5
1.0
VCE = 1 V
0.5
1
0
0.01
0.02
0.05
0.1
0.2
0.5
100
50
20
10
5
2
1
200 A
180 A
160 A
140 A
120 A
100 A
80 A
60 A
40 A
IB = 20 A
µ
µ
µ
µ
µ
µ
µ
µ
µ
µ
12
3
4
56
0
30
20
10
VCE = 1 V
1
2
5
10 20
50 100
0.1 0.2
0.5
0
100
200
f = 2 GHz
VCE = 1 V
12
3
5
7
10
0
5
10
Remark The graphs indicate nominal characteristics.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com