Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5668 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # 2SC5668
Description  NPN SILICON RF TRANSISTOR
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5668 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button 2SC5668 Datasheet HTML 12Page - Renesas Technology Corp 2SC5668 Datasheet HTML 13Page - Renesas Technology Corp 2SC5668 Datasheet HTML 14Page - Renesas Technology Corp 2SC5668 Datasheet HTML 15Page - Renesas Technology Corp 2SC5668 Datasheet HTML 16Page - Renesas Technology Corp 2SC5668 Datasheet HTML 17Page - Renesas Technology Corp 2SC5668 Datasheet HTML 18Page - Renesas Technology Corp 2SC5668 Datasheet HTML 19Page - Renesas Technology Corp 2SC5668 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet P14854EJ1V0DS00
14
2SC5668
NOISE PARAMETERS
VCE = 2 V, IC = 3 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
0.80
18.0
0.39
21.3
0.22
1.0
0.83
16.2
0.38
27.2
0.21
1.5
0.90
13.1
0.33
45.8
0.19
1.8
0.95
11.8
0.29
59.6
0.17
2.0
0.98
11.0
0.27
70.1
0.16
2.5
1.05
9.5
0.22
101.2
0.12
VCE = 2 V, IC = 5 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
0.86
18.7
0.24
19.1
0.18
1.0
0.89
16.9
0.24
24.6
0.18
1.5
0.95
13.6
0.19
42.7
0.16
1.8
0.99
12.3
0.15
59.2
0.15
2.0
1.02
11.5
0.13
73.5
0.14
2.5
1.09
9.9
0.11
124.3
0.12
VCE = 2 V, IC = 7 mA
Frequency
NFmin.
Ga
Γopt
Rn/50
(GHz)
(dB)
(dB)
MAG.
ANG. (deg.)
0.8
0.99
19.0
0.16
19.0
0.17
1.0
1.01
17.1
0.15
19.0
0.17
1.5
1.07
13.9
0.10
42.6
0.16
1.8
1.10
12.5
0.07
70.2
0.14
2.0
1.12
11.7
0.06
93.3
0.14
2.5
1.17
10.1
0.07
163.7
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com