Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1692 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD1692
Description  SILICON POWER TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1692 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD1692 Datasheet HTML 1Page - Renesas Technology Corp 2SD1692 Datasheet HTML 2Page - Renesas Technology Corp 2SD1692 Datasheet HTML 3Page - Renesas Technology Corp 2SD1692 Datasheet HTML 4Page - Renesas Technology Corp 2SD1692 Datasheet HTML 5Page - Renesas Technology Corp 2SD1692 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
Document No. D16191EJ1V1DS00 (1st edition)
Date Published December 2004 NS CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SD1692
NPN SILICON EPITAXIAL TRANSISTOR
(DARLINGTON CONNECTION)
DATA SHEET
2002
FEATURES
• High DC current gain due to Darlington connection
• Large current capacity and low VCE(sat)
• Large power dissipation TO-126 type power transistor
• Complementary transistor: 2SB1149
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°C)
Parameter
Symbol
Ratings
Unit
Collector to base voltage
VCBO
150
V
Collector to emitter voltage
VCEO
100
V
Emitter to base voltage
VEBO
8.0
V
Collector current (DC)
IC(DC)
±3.0
A
Collector current (pulse)
IC(pulse)*
±5.0
A
Total power dissipation
PT (Ta = 25
°C)
1.3
W
Total power dissipation
PT (Tc = 25
°C)
15
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
* PW
≤ 10 ms, duty cycle ≤ 50%
PACKAGE DRAWING (UNIT: mm)
Electrode Connection
ELECTRICAL CHARACTERISTICS (Ta = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Collector to emitter voltage
VCEO(SUS)
IC = 3.0 A, IB = 3.0 mA, L = 1.0 mH
100
V
Collector cutoff current
ICBO
VCB = 100 V, IE = 0
10
µA
Collector cutoff current
ICEO
VCE = 100 V, RBE =
∞
1.0
mA
DC current gain
hFE1**
VCE = 2.0 V, IC = 1.5 A
2,000
20,000
DC current gain
hFE2**
VCE = 2.0 V, IC = 3.0 A
1,000
Collector saturation voltage
VCE(sat)**
IC = 1.5 A, IB = 1.5 mA
0.9
1.2
V
Base saturation voltage
VBE(sat)**
IC = 1.5 A, IB = 1.5 mA
1.5
2.0
V
Turn-on time
ton
0.5
µs
Storage time
tstg
2.0
µs
Fall time
tf
IC = 1.5 A
IB1 =
−IB2 = 1.5 mA
RL = 27
Ω, VCC ≅ 40 V
1.0
µs
** Pulse test PW
≤ 350
µs, duty cycle ≤ 2%/per pulsed
hFE CLASSIFICATION
Marking
M
L
K
hFE1
2,000 to 5,000
4,000 to 12,000
8,000 to 20,000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com