Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RM2C
Description  Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RM2C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RM2C Datasheet HTML 1Page - List of Unclassifed Manufacturers RM2C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
17
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
2.7±0.2
0.78±0.05
Cathode Mark
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
1.2±0.05
5.2±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
Rectifier Diodes
1000V
Package
Part Number
VRM
(V)
IF (AV)
(A)
( ) is with
Heatsink
IFSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
VF
(V)
IF
(A)
IR
(
µA)
IR (H)
(
µA)
VR = VRM
max
VR = VRM
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
max
Mass
(g)
Axial
Bridge
1000
0.8
1.0
1.2
1.2
1.2
2.0
1.7 (3.0)
4.0
15
RM 1C
EM 1C
RM 11C
RM 2C
RO 2C
RM 3C
RM 4C
RBV-40C
RBV-150C
1.0
1.0
1.5
1.5
1.5
2.5
3.0
2.0
7.5
5
20
10
10
10
10
10
10
50
15
17
15
12
12
10
8
5.0
1.5
49
48
49
50
51
54
0.4
0.3
0.4
0.6
0.61
1.0
1.2
4.05
6.45
40
35
100
100
80
150
150
100
200
50
100
50
50
50
100
50
50
200
100
100
100
100
100
150
100
100
100 (Tj)
1.2
0.97
0.92
0.91
0.92
0.95
0.95
1.0
1.05
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
*
: Under development
*
Rth (j- )
Rth (j- c)
(
°C/W)
Fig.
No.
7.5±0.1 7.5±0.1
7.5±0.1
12.5±0.2
4.6±0.2
3.6±0.2
C3
1
+0.2
–0.1
+0.2
–0.1
0.7
2.7±0.1
7.5±0.1
7.5±0.1
2.5±0.1
30±0.2
4.6±0.2
C3
15±0.2
3.6±0.2
1
2
0.7
10±0.1
2.7±0.1
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1
25±0.2


Similar Part No. - RM2C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RM2C SANKEN-RM2C Datasheet
20Kb / 1P
Rectifier Diodes
logo
EIC discrete Semiconduc...
RM2C EIC-RM2C Datasheet
40Kb / 2P
SILICON RECTIFIER DIODES
logo
Galaxy Semi-Conductor H...
RM2C BILIN-RM2C Datasheet
47Kb / 2P
PLASTIC SILICON RECTIFIER
logo
EIC discrete Semiconduc...
RM2C EIC-RM2C Datasheet
54Kb / 2P
SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
RM2C TAYCHIPST-RM2C Datasheet
832Kb / 1P
Rectifier Diodes
More results

Similar Description - RM2C

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
Rectifier diodes
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_15 Datasheet
353Kb / 7P
Rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com