Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2425 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD2425
Description  SILICON TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2425 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD2425 Datasheet HTML 1Page - Renesas Technology Corp 2SD2425 Datasheet HTML 2Page - Renesas Technology Corp 2SD2425 Datasheet HTML 3Page - Renesas Technology Corp 2SD2425 Datasheet HTML 4Page - Renesas Technology Corp 2SD2425 Datasheet HTML 5Page - Renesas Technology Corp 2SD2425 Datasheet HTML 6Page - Renesas Technology Corp 2SD2425 Datasheet HTML 7Page - Renesas Technology Corp 2SD2425 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1998
©
Document No. D16157EJ1V0DS00 (1st edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON TRANSISTOR
2SD2425
NPN SILICON EPITAXIAL TRANSISTOR
FOR LOW-FREQUENCY POWER AMPLIFIERS AND MID-SPEED SWITCHING
DATA SHEET
2002
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The
2SD2425
is
a
transistor
featuring
high
current
capacitance in small dimension.
This transistor is ideal for
DC/DC converters and motor drivers.
FEATURES
• New package with dimensions in between those of small
signal and power signal package
• High current capacitance
• Low collector saturation voltage
• Complementary transistor with 2SB1578
QUALITY GRADES
• Standard
Please refer to “Quality Grades on NEC Semiconductor
Devices” (Document No. C11531E) published by NEC
Corporation to know the specification of quality grade on the
devices and its recommended applications.
PACKAGE DRAWING (UNIT: mm)
ABSOLUTE MAXIMUM RATINGS (Ta = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
60
V
Collector to emitter voltage
VCEO
60
V
Emitter to base voltage
VEBO
6.0
V
Collector current (DC)
IC(DC)
5.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 10 ms, duty cycle ≤ 50 %
7.0
A
Base current (DC)
IB(DC)
1.0
A
Total power dissipation
PT
7.5 cm
2
× 0.7 mm ceramic board mounted
2.0
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
Electrode connection
1. Emitter
2. Collector
3.Base



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com