Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD560 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SD560
Description  SILICON POWER TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD560 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SD560 Datasheet HTML 1Page - Renesas Technology Corp 2SD560 Datasheet HTML 2Page - Renesas Technology Corp 2SD560 Datasheet HTML 3Page - Renesas Technology Corp 2SD560 Datasheet HTML 4Page - Renesas Technology Corp 2SD560 Datasheet HTML 5Page - Renesas Technology Corp 2SD560 Datasheet HTML 6Page - Renesas Technology Corp 2SD560 Datasheet HTML 7Page - Renesas Technology Corp 2SD560 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
1998
©
Document No. D14863EJ3V0DS00 (3rd edition)
Date Published April 2002 N CP(K)
Printed in Japan
SILICON POWER TRANSISTOR
2SD560
NPN SILICON EPITAXIAL TRANSISTOR (DARLINGTON CONNECTION)
FOR LOW-FREQUENCY POWER AMPLIFIERS AND LOW-SPEED SWITCHING
DATA SHEET
2002
The 2SD560 is a mold power transistor developed for low-
frequency power amplifiers and low-speed switching. This transistor is
ideal for direct driving from the IC output of devices such as pulse
motor drivers and relay drivers, and PC terminals.
FEATURES
• C-to-E reverse diode inserted
• Low collector saturation voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25
°°°°C)
Parameter
Symbol
Conditions
Ratings
Unit
Collector to base voltage
VCBO
150
V
Collector to emitter voltage
VCEO
100
V
Emitter to base voltage
VEBO
7.0
V
Collector current (DC)
IC(DC)
±5.0
A
Collector current (pulse)
IC(pulse)
PW
≤ 10 ms,
duty cycle
≤ 50%
±8.0
A
Base current (DC)
IB(DC)
0.5
A
TC = 25
°C
30
W
Total power dissipation
PT
TA = 25
°C
1.5
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
−55 to +150
°C
ORDERING INFORMATION
Ordering Name
Package
2SD560
TO-220AB
(TO-220AB)
INTERNAL EQUIVALENT CIRCUIT
1. Base
2. Collector
3. Emitter



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com