Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RO2C Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RO2C
Description  Rectifier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RO2C Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RO2C Datasheet HTML 1Page - List of Unclassifed Manufacturers RO2C Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Ambient Temperature Ta (
°C)
Forward Voltage VF (V)
Overcurrent Cycles
Characteristic Curves
Rectifier Diodes
49
VF —IF Characteristics (Typical)
VF —IF Characteristics (Typical)
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
0.5
0.6
0.7
0.9
1.0
1.1
0.8
5.0
1.0
0.5
0.1
0.05
0.5
0.7
0.9
1.1
1.3
50
1
0.1
10
0.3
1.5
Ta 150
°C
=
60
°C
100
°C
25
°C
VF —IF Characteristics (Typical)
0.4
0.6
0.8
1.0
1.2
0.2
Ta 150
°C
=
60
°C
100
°C
25
°C
0
1
IFMS Rating
5
50
10
40
80
20
0
1
IFMS Rating
5
40
50
10
30
10
50
RM 1B
RM 1C
RM 1Z
RM 1
RM 1A
20
0
1
IFMS Rating
5
100
60
50
10
40
80
20
60
0
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1.0
RM1Z
RM1
RM1A
RM1B
RM1C
RM 11 series
EM 2 series
RM 1 series
0.01
0.001
30
1
0.1
10
0.01
0.001
L =10 mm
L =10 mm
P.C.B
10mm
Ta 130
°C
=
100
°C
25
°C
Ta — IF (AV) Derating
Ta — IF (AV) Derating
Ta — IF (AV) Derating
VF —IF Characteristics (Typical)
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
RM10Z
RM10
RM10A
RM10B
0
25
50
75
100
125
150
0
0.3
0.6
0.9
1.2
1.5
0.05
0.1
0.5
1.0
5.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
VF —IF Characteristics (Typical)
0.05
0.1
0.5
1.0
5.0
0.5
0.6
0.7
0.8
0.9
1.0
1.1
0
1
IFMS Rating
5
50
10
20ms
50
RM10Z
RM10
RM10A
RM10B
1
IFMS Rating
5
50
10
20ms
100
150
0
20
100
80
60
40
RM 10 series
RM 2 series
L =15mm
L =15mm
P.C.B
10mm
Ta 130
°C
=
25
°C
100
°C
Ta 130
°C
=
25
°C
100
°C
Ta — IF (AV) Derating
Ta — IF (AV) Derating
Solder
Copper Foil
180 • 100 • 1.6 t
Solder
Copper Foil
180 • 100 • 1.6 t



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com