Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5C5EDELTA-RM/D Datasheet(PDF) 48 Page - NXP Semiconductors

Part # C5C5EDELTA-RM/D
Description  C-5e NETWORK PROCESSOR SILICON REVISION A1
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

C5C5EDELTA-RM/D Datasheet(HTML) 48 Page - NXP Semiconductors

Back Button C5C5EDELTA-RM/D Datasheet HTML 44Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 45Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 46Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 47Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 48Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 49Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 50Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 51Page - NXP Semiconductors C5C5EDELTA-RM/D Datasheet HTML 52Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 114 page
background image
48
CHAPTER 2: SIGNAL DESCRIPTIONS
C
Fabric Processor Interface
Signals
The FP has logical signal interfaces: a receive data interface and a transmit data interface,
each with its own control, data, and clock signals. The interface has the following
characteristic:
The interface clocks FRXCLK and FTXCLK can have a different frequency from the core
C-5e NP clock frequency. The FP supports a fabric interface frequency from 10MHz to
125MHz.
FRXCLK and FTXCLK can be independent of each other; typically they have the same
frequency, but are allowed to be skewed relative to each other.
Each data bus can be configured for widths of 8 (data bits 7:0 are used), 16 (bits 15:0), or
32 (bits 31:0). In 8bit mode, data bits 31:8 are unused. In 16bit mode, data bits 31:16 are
unused.
The following tables list the Fabric Interface pin mappings:
• Utopia1, Utopia2, Utopia3 ATM Mode mappings are listed in Table 20
• Utopia1, Utopia2, Utopia3 PHY Mode mappings are listed in Table 21
• PRIZMA Mode mappings are listed in Table 22 (PRIZMA protocol is a subset of Utopia3
PHY)
Table 19 Fabric Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
FIN0 - FIN31
AE12, AD12, AC12, AJ11, AH11, AG11,AF11,
AE11, AD11, AC11, AJ10, AG10, AF10, AD10,
AC10, AJ9, AH9, AG9, AF9, AE9, AD9, AC9, AJ8,
AH8, AG8, AF8, AE8, AD8, AC8, AJ7, AH7, AG7
32
LVTTL
I
PD
Fabric Data Bus In
FOUT0 - FOUT31
AJ18, AH18, AG18, AE18, AD18, AC18, AJ17,
AH17, AF17, AE17, AD17, AC17, AJ16, AH16,
AG16, AF16, AE16, AD16, AC16, AJ15, AG15,
AF15, AD15, AC15, AJ14, AH14, AG14, AF14,
AE14, AD14, AC14, AJ13
32
LVTTL
O
Fabric Data Bus Out
FRXCLK
AC6
1
LVTTL
I
PD
Receive Clock
FTXCLK
AG12
1
LVTTL
I
PD
Transmit Clock
FRXCTL0 - FRXCTL6
AE7, AD7, AC7, AJ6, AG6, AF6, AD6
7
LVTTL
I
PD, O
Receive Control Signals
FTXCTL0 - FTXCTL6
AH13, AF13, AE13, AD13, AC13, AJ12, AH12
7
LVTTL
I
PD, O
Transmit Control Signals
TOTAL PINS
80
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com