Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SRP6030WA-R47M Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # SRP6030WA-R47M
Description  Shielded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SRP6030WA-R47M Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  SRP6030WA-R47M Datasheet HTML 1Page - Bourns Electronic Solutions SRP6030WA-R47M Datasheet HTML 2Page - Bourns Electronic Solutions SRP6030WA-R47M Datasheet HTML 3Page - Bourns Electronic Solutions SRP6030WA-R47M Datasheet HTML 4Page - Bourns Electronic Solutions SRP6030WA-R47M Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SRP6030WA Series - Shielded Power Inductors
Specifications are subject to change without notice.
Users should verify actual device performance in their specific applications.
The products described herein and this document are subject to specific legal disclaimers as set forth on the last page of this document, and at www.bourns.com/docs/legal/disclaimer.pdf.
L vs. I Charts
0.65
0.52
0.39
0.26
0.13
0
3.00
2.40
1.80
1.20
0.60
0
9.00
7.20
5.40
3.60
1.80
0
20.00
16.00
12.00
8.00
4.00
0
5.00
4.00
3.00
2.00
1.00
0
12.50
10.00
7.50
5.00
2.50
0
30.00
24.00
18.00
12.00
6.00
0
6.50
5.20
3.90
2.60
1.30
0
14.00
11.20
8.40
5.60
2.80
0
1.40
1.12
0.84
0.56
0.28
0
2.00
1.60
1.20
0.80
0.40
0
0
4.5
9.0
13.5
18.0
22.5
DC Current (A)
0
2.7
5.4
8.1
10.8
13.5
DC Current (A)
0
1.5
3.0
4.5
6.0
7.5
DC Current (A)
0
1
2
3
4
5
DC Current (A)
0
1.3
2.6
3.9
5.2
6.5
DC Current (A)
0
0.7
1.4
2.1
2.8
3.5
DC Current (A)
0
0
1.6
3.2
4.8
6.4
8.0
2
4
6
8
10
DC Current (A)
DC Current (A)
0
1.1
2.2
3.3
4.4
5.5
DC Current (A)
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
100
80
60
40
20
0
SRP6030WA-R47M
SRP6030WA-2R2M
SRP6030WA-6R8M
SRP6030WA-150M
SRP6030WA-3R3M
SRP6030WA-8R2M
SRP6030WA-220M
SRP6030WA-4R7M
SRP6030WA-100M
0
3.5
7.0
10.5
14.0
17.5
DC Current (A)
0
3
6
9
12
15
DC Current (A)
SRP6030WA-1R0M
SRP6030WA-1R5M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com