Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SJ331 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SJ331
Description  MOS FIELD EFFECT TRANSISTOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ331 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SJ331 Datasheet HTML 1Page - Renesas Technology Corp 2SJ331 Datasheet HTML 2Page - Renesas Technology Corp 2SJ331 Datasheet HTML 3Page - Renesas Technology Corp 2SJ331 Datasheet HTML 4Page - Renesas Technology Corp 2SJ331 Datasheet HTML 5Page - Renesas Technology Corp 2SJ331 Datasheet HTML 6Page - Renesas Technology Corp 2SJ331 Datasheet HTML 7Page - Renesas Technology Corp 2SJ331 Datasheet HTML 8Page - Renesas Technology Corp 2SJ331 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
2SJ331
SWITCHING
P-CHANNEL POWER MOS FET
DATA SHEET
Document No.
D18444EJ2V0DS00 (2nd edition)
(Previous No. TC-2469)
Date Published
November 2006 NS CP(K)
Printed in Japan
1993, 2006
DESCRIPTION
The 2SJ311 is P-Channel MOS Field Effect Transistor designed for solenoid, motor and lamp driver.
FEATURES
• Low on-state resistance
RDS(on)1 = 26 m
Ω TYP. (VGS = −10 V, ID = −15 A)
RDS(on)2 = 40 m
Ω TYP. (VGS = −4 V, ID = −12 A)
• Low input capacitance Ciss = 4300 pF TYP.
• Built-in G-S gate protection diodes
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
−60
V
Gate to Source Voltage (VDS = 0 V)
VGSS(AC)
VGSS(DC)
m20
−20, +10
V
V
Drain Current (DC)
ID(DC)
m30
A
Drain Current (pulse)
Note
ID(pulse)
m120
A
Total Power Dissipation (TC = 25
°C)
PT1
150
W
Total Power Dissipation (TA = 25
°C)
PT2
3.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
−55 to +150
°C
Note
PW
≤ 10
μs, Duty cycle ≤ 1%
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com