Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC241ADB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC241ADB
Description  Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC241ADB Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC241ADB Datasheet HTML 1Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC241ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC241A
Octal buffer/line driver with 5-volt tolerant
inputs/outputs (3-State)
2
1998 May 20
853-2005 19419
FEATURES
• 5-Volt tolerant inputs/outputs, for interfacing with 5-volt logic.
• Supply voltage range of 1.2 to 3.6 V
• In accordance with JEDEC standard no. 8-1A
• CMOS lower power consumption
• Direct interface with TTL levels
• High impedance when V
CC = 0 V
DESCRIPTION
The 74LVC241A is a high-performance, low-power, low-voltage,
Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3 V or 5 V devices. In 3-State
operation, outputs can handle 5 V. This feature allows the use of
these devices as translators in a mixed 3.3 V/5 V environment.
The 74LVC241A is an octal non-inverting buffer/line driver with 3-State
outputs. The 3-State outputs are controlled by the output enable inputs
1OE and 2OE. Schmitt-trigger action at all inputs makes the circuit
highly tolerant for slower input rise and fall times.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
1An to 1Yn;
2An to 2Yn
CL = 50 pF;
VCC = 3.3 V
3.2
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per buffer
VCC = 3.3 V
25
pF
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic SO
–40
°C to +85°C
74LVC241A D
74LVC241A D
SOT163-1
20-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC241A DB
74LVC241A DB
SOT339-1
20-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC241A PW
7LVC241APW DH
SOT360-1
PIN CONFIGURATION
SV00614
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A0
2Y0
1A1
2Y1
1A2
2Y2
1A3
2Y3
GND
2A3
1Y3
2A2
1Y2
2A1
1Y1
2A0
1Y0
2OE
VCC
PIN DESCRIPTION
PIN
NUMBER
SYMBOL
FUNCTION
1
1OE
Output enable input (active LOW)
2, 4, 6, 8
1A0 to 1A3 Data inputs
3, 5, 7, 9
2Y0 to 2Y3 Bus outputs
10
GND
Ground (0 V)
17, 15, 13, 11
2A0 to 2A3
Data inputs
18, 16, 14, 12
1Y0 to 1Y3
Bus outputs
19
2OE
Output enable input (active HIGH)
20
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com