Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB2 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PUMB2
Description  PNP/PNP resistor-equipped transistors; R1 = 47 k, R2 = 47 k
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMB2 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PUMB2 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PUMB2 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PUMB2 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PUMB2 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PUMB2 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMB2 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMB2 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMB2 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMB2 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
PEMB2_PUMB2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 17 November 2011
3 of 14
NXP Semiconductors
PEMB2; PUMB2
PNP/PNP resistor-equipped transistors; R1 = 47 k
, R2 = 47 k
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor
VCBO
collector-base voltage
open emitter
-
50
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
10
V
VI
input voltage
positive
-
+10
V
negative
-
40
V
IO
output current
-
100
mA
ICM
peak collector current
single pulse;
tp  1ms
-
100
mA
Ptot
total power dissipation
Tamb  25 C
PEMB2 (SOT666)
[1][2] -200
mW
PUMB2 (SOT363)
[1] -200
mW
Per device
Ptot
total power dissipation
Tamb  25 C
PEMB2 (SOT666)
[1][2] -300
mW
PUMB2 (SOT363)
[1] -300
mW
Tj
junction temperature
-
150
C
Tamb
ambient temperature
65
+150
C
Tstg
storage temperature
65
+150
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com