Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LVC2373APWDH Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LVC2373APWDH
Description  Octal D-type transparent latch with 5-volt tolerant inputs/outputs; damping resistor 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LVC2373APWDH Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LVC2373APWDH Datasheet HTML 2Page - NXP Semiconductors LVC2373APWDH Datasheet HTML 3Page - NXP Semiconductors LVC2373APWDH Datasheet HTML 4Page - NXP Semiconductors LVC2373APWDH Datasheet HTML 5Page - NXP Semiconductors LVC2373APWDH Datasheet HTML 6Page - NXP Semiconductors LVC2373APWDH Datasheet HTML 7Page - NXP Semiconductors LVC2373APWDH Datasheet HTML 8Page - NXP Semiconductors LVC2373APWDH Datasheet HTML 9Page - NXP Semiconductors LVC2373APWDH Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product specification
74LVC2373A
74LVCH2373A
Octal D-type transparent latch with 5-volt tolerant
inputs/outputs; damping resistor (3-State)
1997 Mar 12
6
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
VCC = 1.2V
UNIT
MIN
TYP1
MAX
MIN
MAX
TYP
tPHL/tPLH
Propagation delay
Dn to Qn
Figures 1, 5
1.5
–
8.5
1.5
9.5
–
ns
tPHL/tPLH
Propagation delay
LE to Qn
Figures 2, 5
1.5
–
9.5
1.5
11
–
ns
tPZH/tPZL
3-State output enable time
OE to Qn
Figures 3, 5
1.5
–
9.0
1.5
11
–
ns
tPHZ/tPLZ
3-State output disble time
OE to Qn
Figures 3, 5
1.5
–
6.0
1.5
6.5
–
ns
tW
LE pulse width HIGH
Figure 2
4.0
–
–
4.0
–
–
ns
tsu
Set-up time
Dn to LE
Figure 4
2.0
–
–
3.0
–
–
ns
th
Hold time
Dn to LE
Figure 4
2.0
–
–
3.0
–
–
ns
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the output load.
VX = VOL + 0.3 V at VCC ≥ 2.7 V
VX – VOL + 0.1 ⋅ VCC at VCC < 2.7 V
VY = VOH – 0.3 V at VCC ≥ 2.7 V
VY = VOH – 0.1 ⋅ VCC at VCC < 2.7 V
SV00690
VM
INPUTS
GND
VOH
VOL
VI
OUTPUTS
VM
tPLH
tPHL
Figure 1. nput (Dn) to output (Qn) propagation delays
SV00691
VM
LE INPUT
VOL
GND
VOH
VI
Qn OUTPUT
VM
tPLH
tPHL
tW
Figure 2. Latch enable input (LE) pulse width, the latch enable
input to output (Qn) propagation delays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com