Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0108
Description  LSF0108-Q1 Automotive 8-Channel Multi-Voltage Level Translator
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LSF0108 Datasheet(HTML) 4 Page - Texas Instruments

  LSF0108 Datasheet HTML 1Page - Texas Instruments LSF0108 Datasheet HTML 2Page - Texas Instruments LSF0108 Datasheet HTML 3Page - Texas Instruments LSF0108 Datasheet HTML 4Page - Texas Instruments LSF0108 Datasheet HTML 5Page - Texas Instruments LSF0108 Datasheet HTML 6Page - Texas Instruments LSF0108 Datasheet HTML 7Page - Texas Instruments LSF0108 Datasheet HTML 8Page - Texas Instruments LSF0108 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
5 Pin Configuration and Functions
All packages are on the same relative scale
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
EN
Vref_A
A1
A2
A3
A4
A5
A6
A7
A8
B2
B3
B4
B5
B6
B7
B8
Vref_B
B1
GND
Figure 5-1. PW Package, 20-Pin TSSOP
(Transparent Top View)
19
18
17
16
15
14
13
12
2
3
4
5
6
7
8
9
Thermal
Pad
Vref_A
A1
A2
A3
A4
A5
A6
A7
B2
B3
B4
B5
B6
B7
Vref_B
B1
Figure 5-2. RKS Package, 20-Pin VQFN
(Transparent Top View)
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
A1
3
I/O
Data port
A2
4
I/O
Data port
A3
5
I/O
Data port
A4
6
I/O
Data port
A5
7
I/O
Data port
A6
8
I/O
Data port
A7
9
I/O
Data port
A8
10
I/O
Data port
B1
18
I/O
Data port
B2
17
I/O
Data port
B3
16
I/O
Data port
B4
15
I/O
Data port
B5
14
I/O
Data port
B6
13
I/O
Data port
B7
12
I/O
Data port
B8
11
I/O
Data port
EN
20
I
Switch enable input; connect to Vref_B and pull-up through a bias resistor (200 kΩ).
GND
1
—
Ground
Vref_A
2
—
Reference supply voltage A. For more information, see Application and Implementation
section.
Vref_B
19
—
Reference supply voltage B. For more information, see Application and Implementation
section.
(1)
I = input, O = output
LSF0108-Q1
SDLS967F – MAY 2016 – REVISED APRIL 2023
www.ti.com
4
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LSF0108-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com