Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC27PWDH Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74LVC27PWDH
Description  Triple 3-input NOR gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC27PWDH Datasheet(HTML) 5 Page - NXP Semiconductors

  74LVC27PWDH Datasheet HTML 1Page - NXP Semiconductors 74LVC27PWDH Datasheet HTML 2Page - NXP Semiconductors 74LVC27PWDH Datasheet HTML 3Page - NXP Semiconductors 74LVC27PWDH Datasheet HTML 4Page - NXP Semiconductors 74LVC27PWDH Datasheet HTML 5Page - NXP Semiconductors 74LVC27PWDH Datasheet HTML 6Page - NXP Semiconductors 74LVC27PWDH Datasheet HTML 7Page - NXP Semiconductors 74LVC27PWDH Datasheet HTML 8Page - NXP Semiconductors 74LVC27PWDH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Philips Semiconductors
Product specification
74LVC27
Triple 3-input NOR gate
1998 Apr 28
5
AC CHARACTERISTICS
GND = 0 V; tr = tf v 2.5 ns; CL = 50 pF; RL = 500W; Tamb = –40_C to +85_C
LIMITS
SYMBOL
PARAMETER
WAVEFORM
VCC = 3.3V ±0.3V
VCC = 2.7V
UNIT
MIN
TYP1
MAX
MIN
MAX
tPHL/
tPLH
Propagation delay
nA, nB, nC to nY
Figure 1, 2
–
3.4
5.9
–
7.0
ns
NOTE:
1. These typical values are at VCC = 3.3V and Tamb = 25°C.
AC WAVEFORMS
VM = 1.5 V at VCC w 2.7 V
VM = 0.5 S VCC at VCC < 2.7 V
VOL and VOH are the typical output voltage drop that occur with the
output load.
SV00420
VM
nA, nB, nC
INPUT
nY OUTPUT
VM
t PLH
t PHL
GND
VI
VOL
VOH
Figure 1. Input (nA, nB, nC) to output (nY) propagation delays.
TEST CIRCUIT
SWITCH POSITION
PULSE
GENERATOR
RT
VI
D.U.T.
VO
CL
VCC
500
Ω
Open
GND
S1
VCC
VI
< 2.7V
VCC
TEST
S1
tPLH/tPHL
Open
2.7V
2.7–3.6V
50pF
500
Ω
2 * VCC
SV00903
Figure 2. Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com