Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8310ARM Datasheet(PDF) 21 Page - Analog Devices

Part # AD8310ARM
Description  Fast, Voltage-Out DC-440 MHz, 95 dB Logarithmic Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8310ARM Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8310ARM Datasheet HTML 16Page - Analog Devices AD8310ARM Datasheet HTML 17Page - Analog Devices AD8310ARM Datasheet HTML 18Page - Analog Devices AD8310ARM Datasheet HTML 19Page - Analog Devices AD8310ARM Datasheet HTML 20Page - Analog Devices AD8310ARM Datasheet HTML 21Page - Analog Devices AD8310ARM Datasheet HTML 22Page - Analog Devices AD8310ARM Datasheet HTML 23Page - Analog Devices AD8310ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Preliminary Technical Data
AD8310
Rev. D | Page 21 of 24
Table 6. Evaluation Boards Setup Options
Component
Function
Default Condition
TP1, TP2
Supply and Ground Vector Pins.
Not Applicable
SW1
Device Enable. When in Position A, the ENBL pin is connected to +VS and the AD8310 is in normal
operating mode. In Position B, the ENBL pin is connected to ground, putting the device into sleep
mode.
SW1 = A
R1/R4
SMA Connector Grounds.Connects common of INHI and INLO SMA connectors to ground. Can be
used to isolate the generator ground from the evaluation board ground (see Figure 28).
R1 = R4 = 0 Ω
C1, C2, R3
Input Interface. R3 (52.3 Ω) combines with the AD8310’s 1 kΩ input impedance to give an overall
broadband input impedance of 50 Ω. C1, C2, and the AD8310’s input impedance combine to set a
high-pass input corner of 32 kHz. Alternatively, R3, C1, and C2 can be replaced by an indicator and
matching capacitors to form an input matching network. See the Input Matching section for
details.
R3 = 52.3 Ω,
C1 = C2 = 0.01 µF
C3
RSSI (Video) Bandwidth Adjust. The addition of C3 (farads) lowers the RSSI bandwidth of the VLOG
output according to the following equation:
CFILT = 1/(2
π × 3 kΩ Video Bandwidth) – 2.1 pF
C3 = Open
C4, C5, R5
Supply Decoupling. The normal supply decoupling of 0.01 µF (C4) can be augmented by a larger
capacitor in C5. An inductor or small resistor can be placed in R5 for additional decoupling.
C4 = 0.01 µF,
C5 = Open, R5 = 0
R6
Output Source Impedance. In cable-driving applications, a resistor (typically 50 Ω or 75 Ω) can be
placed in R6 to give the circuit a back-terminated output impedance.
R6 = 0 Ω
W1,W2, C6, R7
Output Loading. Resistors and capacitors can be placed in C6 and R7 to load-test VOUT. Jumpers
W1 and W2 are used to connect or disconnect the loads.
C6 = R7 = Open,
W1 = W2 = Installed
C7
Offset Compensation Loop. A capacitor in C7 reduces the corner frequency of the offset control
loop in low frequency applications.
C7 = Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com