Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21600SN Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS21600SN
Description  3.3V/5V Clock Rate Adapter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21600SN Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS21600SN Datasheet HTML 1Page - Maxim Integrated Products DS21600SN Datasheet HTML 2Page - Maxim Integrated Products DS21600SN Datasheet HTML 3Page - Maxim Integrated Products DS21600SN Datasheet HTML 4Page - Maxim Integrated Products DS21600SN Datasheet HTML 5Page - Maxim Integrated Products DS21600SN Datasheet HTML 6Page - Maxim Integrated Products DS21600SN Datasheet HTML 7Page - Maxim Integrated Products DS21600SN Datasheet HTML 8Page - Maxim Integrated Products DS21600SN Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
DS21600/DS21602/DS21604 3.3V/5V Clock Rate Adapter
2 of 13
TABLE OF CONTENTS
1.
PIN DESCRIPTION ......................................................................................................................3
1.1
PIN NAME CROSS-REFERENCE TO LXP60X ....................................................................................................3
2.
FUNCTIONAL DESCRIPTION......................................................................................................4
2.1
MODE SELECT................................................................................................................................................4
2.2
FRAME SYNC INPUT........................................................................................................................................4
3.
OUTPUT JITTER ..........................................................................................................................4
3.1
JITTER TRANSFER ..........................................................................................................................................5
4.
OPERATING PARAMETERS .......................................................................................................7
5.
PACKAGE INFORMATION ........................................................................................................11
6.
REVISION HISTORY..................................................................................................................13
LIST OF FIGURES
Figure 1-1. Block Diagram....................................................................................................................3
Figure 3-1. Nominal Jitter Transer for 2.048MHz to 1.544MHz Conversion ..........................................5
Figure 3-2. Nominal Jitter Transfer for 1.544MHz to 2.048MHz Conversion .........................................6
Figure 4-1. DS21600/DS21602 High-to-Low Frequency Conversion Frame-Sync Alignment ...............8
Figure 4-2. DS21604 High-To-Low Frequency Conversion Frame-Sync Alignment..............................9
Figure 4-3. DS21600 Low-to-High Frequency Conversion Frame-Sync Alignment...............................9
Figure 4-4. DS21602 Low-to-High Frequency Conversion Frame-Sync Alignment.............................10
Figure 4-5. DS21604 Low-to-High Frequency Conversion Frame-Sync Alignment.............................10
LIST OF TABLES
Table 1-A. Pin Description ....................................................................................................................3
Table 1-B. Pin Name Cross-Reference to LXP60x ...............................................................................3
Table 2-A. Frequency Conversions (MHz) ............................................................................................4
Table 3-A. Output Jitter Specifications..................................................................................................4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com