Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC244 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC244
Description  Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-Statetitle
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC244 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC244 Datasheet HTML 1Page - NXP Semiconductors 74LVC244 Datasheet HTML 2Page - NXP Semiconductors 74LVC244 Datasheet HTML 3Page - NXP Semiconductors 74LVC244 Datasheet HTML 4Page - NXP Semiconductors 74LVC244 Datasheet HTML 5Page - NXP Semiconductors 74LVC244 Datasheet HTML 6Page - NXP Semiconductors 74LVC244 Datasheet HTML 7Page - NXP Semiconductors 74LVC244 Datasheet HTML 8Page - NXP Semiconductors 74LVC244 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC244A
74LVCH244A
Octal buffer/line driver with 5-volt
tolerant inputs/outputs (3-State)
2
1998 May 20
853-1876 19419
FEATURES
• 5-volt tolerant inputs/outputs, for interfacing with 5-volt logic
• Supply voltage range of 2.7V to 3.6V
• Complies with JEDEC standard no. 8-1A
• CMOS low power consumption
• Direct interface with TTL levels
• High impedance when V
CC = 0V
• Bushold on all data inputs (74LVCH244A only)
DESCRIPTION
The 74LVC244A/74LVCH244A is a high-performance, low-power,
low-voltage, Si-gate CMOS device, superior to most advanced
CMOS compatible TTL families.
Inputs can be driven from either 3.3V or 5V devices. In 3-State
operation, outputs can handle 5V. These features allow the use of
these devices as translators in a mixed 3.3V/5V environment.
The 74LVC244A/74LVCH244A is an octal non-inverting buffer/line
driver with 3-State outputs. The 3-State outputs are controlled by the
output enable inputs 1OE and 2OE. A HIGH on nOE causes the
outputs to assume a high impedance OFF-state. Schmitt-trigger
action at all inputs makes the circuit highly tolerant for slower input
rise and fall times.
The ’244’ is functionally identical to the ’240’, but the ’240’ has
non-inverting outputs.
QUICK REFERENCE DATA
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
t
/t
Propagation delay
1A to 1Y
CL = 50pF
VCC =3 3V
35
ns
tPHL/tPLH
1An to 1Yn;
2An to 2Yn
VCC = 3.3V
3.5
ns
CI
Input capacitance
4.4
pF
CPD
Power dissipation capacitance per
buffer
Notes 1 and 2
22.6
pF
NOTE:
1. CPD is used to determine the dynamic power dissipation (PD in mW):
PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
S (CL x VCC2 x fo) = sum of outputs.
2. The condition is VI = GND to VCC
ORDERING INFORMATION
PACKAGES
TEMPERATURE
RANGE
OUTSIDE
NORTH AMERICA
NORTH AMERICA
PKG. DWG. #
20-Pin Plastic Shrink Small Outline (SO)
–40
°C to +85°C
74LVC244A D
74LVC244A D
SOT163-1
20-Pin Plastic Shrink Small Outline (SSOP) Type II
–40
°C to +85°C
74LVC244A DB
74LVC244A DB
SOT339-1
20-Pin Plastic Thin Shrink Small Outline (TSSOP) Type I
–40
°C to +85°C
74LVC244A PW
7LVC244APW DH
SOT360-1
20-Pin Plastic Shrink Small Outline (SO)
–40
°C to +85°C
74LVCH244A D
74LVCH244A D
SOT163-1
20-Pin Plastic Shrink Small Outline (SSOP) Type II
–40
°C to +85°C
74LVCH244A DB
74LVCH244A DB
SOT339-1
20-Pin Plastic Thin Shrink Small Outline (TSSOP) Type I
–40
°C to +85°C
74LVCH244A PW
LVCH244APW DH
SOT360-1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com