Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC32AD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC32AD
Description  Quad 2-input OR gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC32AD Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC32AD Datasheet HTML 1Page - NXP Semiconductors 74LVC32AD Datasheet HTML 2Page - NXP Semiconductors 74LVC32AD Datasheet HTML 3Page - NXP Semiconductors 74LVC32AD Datasheet HTML 4Page - NXP Semiconductors 74LVC32AD Datasheet HTML 5Page - NXP Semiconductors 74LVC32AD Datasheet HTML 6Page - NXP Semiconductors 74LVC32AD Datasheet HTML 7Page - NXP Semiconductors 74LVC32AD Datasheet HTML 8Page - NXP Semiconductors 74LVC32AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Philips Semiconductors
Product specification
74LVC32A
Quad 2-input OR gate
1997 Jun 30
3
LOGIC SYMBOL
1A
1B
2A
2B
4B
4A
3B
3A
1Y
2Y
3Y
4Y
1
2
4
5
13
12
10
9
3
6
11
8
SV00452
LOGIC SYMBOL (IEEE/IEC)
1
4
9
12
2
5
10
13
3
6
8
11
≥1
≥1
≥1
≥1
SV00453
LOGIC DIAGRAM (ONE GATE)
A
B
Y
SV00454
FUNCTION TABLE
INPUTS
OUTPUTS
nA
nB
nY
L
L
L
L
H
H
H
L
H
H
H
H
NOTES:
H = HIGH voltage level
L = LOW voltage level



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com