Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC32ADB Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVC32ADB
Description  Quad 2-input OR gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC32ADB Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVC32ADB Datasheet HTML 1Page - NXP Semiconductors 74LVC32ADB Datasheet HTML 2Page - NXP Semiconductors 74LVC32ADB Datasheet HTML 3Page - NXP Semiconductors 74LVC32ADB Datasheet HTML 4Page - NXP Semiconductors 74LVC32ADB Datasheet HTML 5Page - NXP Semiconductors 74LVC32ADB Datasheet HTML 6Page - NXP Semiconductors 74LVC32ADB Datasheet HTML 7Page - NXP Semiconductors 74LVC32ADB Datasheet HTML 8Page - NXP Semiconductors 74LVC32ADB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Philips Semiconductors
Product specification
74LVC32A
Quad 2-input OR gate
2
1997 Jun 30
853-1995 18166
FEATURES
• Wide supply voltage range of 1.2 V to 3.6 V
• In accordance with JEDEC standard no. 8-1A.
• Inputs accept voltages up to 5.5 V
• CMOS low power consumption
• Direct interface with TTL levels
DESCRIPTION
The 74LVC32A is a high-performance, low-power, low-voltage
Si-gate CMOS device and superior to most advanced CMOS
compatible TTL families.
Inputs can be driven from either 3.3V or 5V devices. This feature
allows the use of these devices as translators in a mixed 3.3V/5V
environment.
The 74LVC32A provides the 2-input OR function.
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25°C; tr = tf ≤ 2.5 ns
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
tPHL/tPLH
Propagation delay
nA, nB to nY
CL = 50 pF;
VCC = 3.3 V
2.6
ns
CI
Input capacitance
5.0
pF
CPD
Power dissipation capacitance per gate
Notes 1 and 2
28
pF
NOTES:
1. CPD is used to determine the dynamic power dissipation (PD in µW)
PD = CPD × VCC2 × fi ) (CL × VCC2 × fo) where:
fi = input frequency in MHz; CL = output load capacity in pF;
fo = output frequency in MHz; VCC = supply voltage in V;
(CL × VCC2 × fo) = sum of the outputs.
2. The condition is VI = GND to VCC.
ORDERING INFORMATION
PACKAGES
TEMPERATURE RANGE
OUTSIDE NORTH AMERICA
NORTH AMERICA
DWG NUMBER
14-Pin Plastic SO
–40
°C to +85°C
74LVC32A D
74LVC32A D
SOT108-1
14-Pin Plastic SSOP Type II
–40
°C to +85°C
74LVC32A DB
74LVC32A DB
SOT337-1
14-Pin Plastic TSSOP Type I
–40
°C to +85°C
74LVC32A PW
74LVC32APW DH
SOT402-1
PIN CONFIGURATION
1
2
3
4
5
6
7
1A
1B
1Y
2A
2B
2Y
GND
V
CC
4B
4A
4Y
3B
3A
3Y
14
13
12
11
10
9
8
SV00450
PIN DESCRIPTION
PIN NUMBER
SYMBOL
NAME AND FUNCTION
1, 4, 9, 12
1A – 4A
Data inputs
2, 5, 10, 13
1B – 4B
Data inputs
3, 6, 8, 11
1Y – 4Y
Data outputs
7
GND
Ground (0 V)
14
VCC
Positive supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com