Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24256-B Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24256-B
Description  256/128 Kbit Serial IC Bus EEPROM With Three Chip Enable Lines
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24256-B Datasheet HTML 9Page - STMicroelectronics M24256-B Datasheet HTML 10Page - STMicroelectronics M24256-B Datasheet HTML 11Page - STMicroelectronics M24256-B Datasheet HTML 12Page - STMicroelectronics M24256-B Datasheet HTML 13Page - STMicroelectronics M24256-B Datasheet HTML 14Page - STMicroelectronics M24256-B Datasheet HTML 15Page - STMicroelectronics M24256-B Datasheet HTML 16Page - STMicroelectronics M24256-B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
M24256-B, M24128-B
Table 11. Ordering Information Scheme
Note: 1. Available only on request.
Example:
M24256
– B
W
MN
6
T
Memory Capacity
Option
256
256 Kbit (32K x 8)
T
Tape and Reel Packing
128
128 Kbit (16K x 8)
Temperature Range
6
–40
°Cto 85 °C
5
–20
°Cto 85 °C
Operating Voltage
Package
blank1 4.5 V to 5.5 V
BN
PSDIP8 (0.25 mm frame)
W
2.5 V to 5.5 V
MN
SO8 (150 mil width)
R
1.8 V to 3.6 V
DW
TSSOP8 (169 mil width)
DL
TSSOP14 (169 mil width)
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all ‘1’s (FFh).
The notation used for the device number is as
shown in Table 11. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact your
nearest ST Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com