Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC373APW Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74LVC373APW
Description  Octal D-type transparent latch with 5-volt tolerant inputs/outputs 3-State
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC373APW Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74LVC373APW Datasheet HTML 4Page - NXP Semiconductors 74LVC373APW Datasheet HTML 5Page - NXP Semiconductors 74LVC373APW Datasheet HTML 6Page - NXP Semiconductors 74LVC373APW Datasheet HTML 7Page - NXP Semiconductors 74LVC373APW Datasheet HTML 8Page - NXP Semiconductors 74LVC373APW Datasheet HTML 9Page - NXP Semiconductors 74LVC373APW Datasheet HTML 10Page - NXP Semiconductors 74LVC373APW Datasheet HTML 11Page - NXP Semiconductors 74LVC373APW Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Philips Semiconductors
Product specification
74LVC373A
Octal D-type transparent latch with 5-volt
tolerant inputs/outputs (3-State)
1998 Jul 29
8
AC WAVEFORMS
with 5-volt tolerant inputs/outputs VM = 1.5V at VCC w 2.7V; VM =
0.5 VCC at VCC t 2.7V.
VOL and VOH are the typical output voltage drop that occur with the
output load.
VX = VOL + 0.3V at VCC w 2.7V; VX = VOL + 0.1 VCC at VCC t 2.7V
VY = VOH –0.3V at VCC w 2.7V; VY = VOH – 0.1 VCC at VCC t 2.7V
VM
Dn
INPUT
VM
LE
INPUT
tSU
th
NOTE: The shaded areas indicate when the input is permitted to change
for predictable output performance.
SW00073
tSU
th
VI
GND
VI
GND
Waveform 4. Data setup and hold times for the Dn input to the
LE input. (The shaded areas indicate when the input is
permitted to change for predictable output performance).
TEST CIRCUIT
PULSE
GENERATOR
RT
VIN
D.U.T.
VOUT
CL
VCC
RL=500 Ω
SWITCH POSITION
TEST
SWITCH
tPLH/tPHL
Open
tPLZ/tPZL
2
<VCC
tPHZ/tPZH
GND
Test Circuit for 3-State Outputs
Open
GND
S1
2
<VCC
DEFINITIONS
VCC
t 2.7V
2.7 – 3.6V
VIN
VCC
2.7V
RL = Load resistor
CL = Load capacitance includes jig and probe capacitance
RT = Termination resistance should be equal to ZOUT
of pulse generators.
SW00047
RL=500 Ω
Waveform 5. Load circuitry for switching times.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com